データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP2161A データシート(PDF) 2 Page - Monolithic Power Systems

部品番号 MP2161A
部品情報  2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2161A データシート(HTML) 2 Page - Monolithic Power Systems

  MP2161A Datasheet HTML 1Page - Monolithic Power Systems MP2161A Datasheet HTML 2Page - Monolithic Power Systems MP2161A Datasheet HTML 3Page - Monolithic Power Systems MP2161A Datasheet HTML 4Page - Monolithic Power Systems MP2161A Datasheet HTML 5Page - Monolithic Power Systems MP2161A Datasheet HTML 6Page - Monolithic Power Systems MP2161A Datasheet HTML 7Page - Monolithic Power Systems MP2161A Datasheet HTML 8Page - Monolithic Power Systems MP2161A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP2161A – 2A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2161A Rev. 1.02
www.MonolihicPower.com
2
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2161AGJ
TSOT23-8
See Below
* For Tape & Reel, add suffix –Z (e.g. MP2161AGJ–Z)
TOP MARKING
AKR: Product code of MP2161AGJ
Y: Year code
PACKAGE REFERENCE
PG
VIN
SW
PGND
EN
FB
AGND
OUT
1
2
3
4
8
7
6
5
TOP VIEW
TSOT23-8


同様の部品番号 - MP2161A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2161GJ MPS-MP2161GJ Datasheet
385Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
More results

同様の説明 - MP2161A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2162A MPS-MP2162A Datasheet
533Kb / 17P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
   2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
   1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP2159A MPS-MP2159A Datasheet
459Kb / 15P
   1 A, 6 V, 1.5 MHz, Low IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9159A MPS-MP9159A Datasheet
444Kb / 15P
   1 A, 6 V, 1.5 MHz, Low IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com