データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8537 データシート(PDF) 16 Page - ON Semiconductor

部品番号 NCV8537
部品情報  High Accuracy Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8537 データシート(HTML) 16 Page - ON Semiconductor

Back Button NCV8537_17 Datasheet HTML 8Page - ON Semiconductor NCV8537_17 Datasheet HTML 9Page - ON Semiconductor NCV8537_17 Datasheet HTML 10Page - ON Semiconductor NCV8537_17 Datasheet HTML 11Page - ON Semiconductor NCV8537_17 Datasheet HTML 12Page - ON Semiconductor NCV8537_17 Datasheet HTML 13Page - ON Semiconductor NCV8537_17 Datasheet HTML 14Page - ON Semiconductor NCV8537_17 Datasheet HTML 15Page - ON Semiconductor NCV8537_17 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
NCV8537
www.onsemi.com
16
PACKAGE DIMENSIONS
DFN10, 3x3, 0.5P
CASE 485C
ISSUE E
10X
SEATING
PLANE
L
D
E
0.15 C
A
A1
e
D2
E2
b
15
10
6
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS
MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS
THE TERMINALS.
5. TERMINAL b MAY HAVE MOLD COMPOUND MATERIAL ALONG
SIDE EDGE. MOLD FLASHING MAY NOT EXCEED 30 MICRONS
ONTO BOTTOM SURFACE OF TERMINAL b.
6. FOR DEVICE OPN CONTAINING W OPTION, DETAIL A AND B
ALTERNATE CONSTRUCTION ARE NOT APPLICABLE. WET-
TABLE FLANK CONSTRUCTION IS DETAIL B AS SHOWN ON
SIDE VIEW OF PACKAGE.
B
A
0.15 C
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN ONE
REFERENCE
0.10 C
0.08 C
(A3)
C
10X
10X
0.10 C
0.05 C
A B
NOTE 3
K
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.18
0.30
D
3.00 BSC
D2
2.40
2.60
E
3.00 BSC
E2
1.70
1.90
e
0.50 BSC
L
0.35
0.45
L1
0.00
0.03
DETAIL A
K
0.19 TYP
2X
2X
DETAIL B
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
A1
A3
2.64
1.90
0.50
0.55
10X
3.30
0.30
10X
DIMENSIONS: MILLIMETERS
PITCH
PACKAGE
OUTLINE
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
ALTERNATE B−2
ALTERNATE B−1
ALTERNATE A−2
ALTERNATE A−1
DETAIL B
WETTABLE FLANK OPTION
CONSTRUCTION
A1
A3
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCV8537/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


同様の部品番号 - NCV8537_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV8537MN180R2G ONSEMI-NCV8537MN180R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN250R2G ONSEMI-NCV8537MN250R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN330R2G ONSEMI-NCV8537MN330R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN500R2G ONSEMI-NCV8537MN500R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MNADJR2G ONSEMI-NCV8537MNADJR2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
More results

同様の説明 - NCV8537_17

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
   High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3300ARTZ-3.3RL7 AD-ADP3300ARTZ-3.3RL7 Datasheet
133Kb / 8P
   High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com