データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8660B データシート(PDF) 14 Page - ON Semiconductor

部品番号 NCV8660B
部品情報  Very Low Iq LD0 150 mA Regulator Delay Time Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8660B データシート(HTML) 14 Page - ON Semiconductor

Back Button NCV8660B_18 Datasheet HTML 6Page - ON Semiconductor NCV8660B_18 Datasheet HTML 7Page - ON Semiconductor NCV8660B_18 Datasheet HTML 8Page - ON Semiconductor NCV8660B_18 Datasheet HTML 9Page - ON Semiconductor NCV8660B_18 Datasheet HTML 10Page - ON Semiconductor NCV8660B_18 Datasheet HTML 11Page - ON Semiconductor NCV8660B_18 Datasheet HTML 12Page - ON Semiconductor NCV8660B_18 Datasheet HTML 13Page - ON Semiconductor NCV8660B_18 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
NCV8660B
www.onsemi.com
14
PACKAGE DIMENSIONS
SOIC−8 NB
CASE 751−07
ISSUE AK
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
NCV8660B/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


同様の部品番号 - NCV8660B_18

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
More results

同様の説明 - NCV8660B_18

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com