データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV47710 データシート(PDF) 8 Page - ON Semiconductor

部品番号 NCV47710
部品情報  Adjustable LDO Adjustable Current Limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47710 データシート(HTML) 8 Page - ON Semiconductor

Back Button NCV47710_17 Datasheet HTML 4Page - ON Semiconductor NCV47710_17 Datasheet HTML 5Page - ON Semiconductor NCV47710_17 Datasheet HTML 6Page - ON Semiconductor NCV47710_17 Datasheet HTML 7Page - ON Semiconductor NCV47710_17 Datasheet HTML 8Page - ON Semiconductor NCV47710_17 Datasheet HTML 9Page - ON Semiconductor NCV47710_17 Datasheet HTML 10Page - ON Semiconductor NCV47710_17 Datasheet HTML 11Page - ON Semiconductor NCV47710_17 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCV47710
www.onsemi.com
8
DEFINITIONS
General
All measurements are performed using short pulse low duty
cycle techniques to maintain junction temperature as close
as possible to ambient temperature.
Output Voltage
The output voltage parameter is defined for specific
temperature, input voltage and output current values or
specified over Line, Load and Temperature ranges.
Line Regulation
The change in output voltage for a change in input voltage
measured for specific output current over operating ambient
temperature range.
Load Regulation
The change in output voltage for a change in output current
measured for specific input voltage over operating ambient
temperature range.
Dropout Voltage
The input to output differential at which the regulator output
no longer maintains regulation against further reductions in
input voltage. It is measured when the output voltage Vout
has dropped −2% from the nominal value obtained at Vin =
Vout_nom + 8.5 V. The junction temperature, load current,
and minimum input supply requirements affect the dropout
level.
Quiescent and Disable Currents
Quiescent Current (Iq) is the difference between the input
current (measured through the LDO input pin) and the
output load current. If Enable pin is set to LOW the regulator
reduces its internal bias and shuts off the output, this term is
called the disable current (IDIS).
Current Limit
Current Limit is value of output current by which output
voltage drops below 90% of its nominal value.
PSRR
Power Supply Rejection Ratio is defined as ratio of output
voltage and input voltage ripple. It is measured in decibels
(dB).
Line Transient Response
Typical output voltage overshoot and undershoot response
when the input voltage is excited with a given slope.
Load Transient Response
Typical output voltage overshoot and undershoot response
when the output current is excited with a given slope
between low−load and high−load conditions.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated at typically 175
°C,
the regulator turns off. This feature is provided to prevent
failures from accidental overheating.
Maximum Package Power Dissipation
The power dissipation level is maximum allowed power
dissipation for particular package or power dissipation at
which the junction temperature reaches its maximum
operating value, whichever is lower.


同様の部品番号 - NCV47710_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV47710PDAJR2G ONSEMI-NCV47710PDAJR2G Datasheet
153Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
More results

同様の説明 - NCV47710_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Maxim Integrated Produc...
MAX8537EVKIT MAXIM-MAX8537EVKIT Datasheet
228Kb / 11P
   Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com