データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV59744 データシート(PDF) 7 Page - ON Semiconductor

部品番号 NCV59744
部品情報  3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59744 データシート(HTML) 7 Page - ON Semiconductor

Back Button NCV59744 Datasheet HTML 2Page - ON Semiconductor NCV59744 Datasheet HTML 3Page - ON Semiconductor NCV59744 Datasheet HTML 4Page - ON Semiconductor NCV59744 Datasheet HTML 5Page - ON Semiconductor NCV59744 Datasheet HTML 6Page - ON Semiconductor NCV59744 Datasheet HTML 7Page - ON Semiconductor NCV59744 Datasheet HTML 8Page - ON Semiconductor NCV59744 Datasheet HTML 9Page - ON Semiconductor NCV59744 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCV59744
www.onsemi.com
7
TYPICAL CHARACTERISTICS
At TJ = +25°C, VOUT = 1.5 V, VIN = VOUT(TYP) + 0.3 V, VBIAS = 3.3 V, IOUT = 50 mA, VEN = VIN,
CIN = 1 mF, CBIAS = 1 mF, CSS = 0.01 mF, and COUT = 10 mF, unless otherwise noted.
Figure 15. Current Limit vs. (VBIAS − VOUT)
VBIAS − VOUT (V)
4.5
4.0
3.0
2.5
1.5
1.0
0.5
0
0
2.0
4.0
6.0
+125
°C
+25
°C
−40
°C
2.0
3.5
5.0
1.0
3.0
5.0


同様の部品番号 - NCV59744

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV59744 ONSEMI-NCV59744 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCV59744MNADJTBG ONSEMI-NCV59744MNADJTBG Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCV59744 ONSEMI-NCV59744_V01 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
More results

同様の説明 - NCV59744

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCV59749 ONSEMI-NCV59749 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCP59744 ONSEMI-NCP59744 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
January, 2015 ??Rev. 1
NCP59748 ONSEMI-NCP59748_16 Datasheet
219Kb / 11P
   1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator
December, 2016 ??Rev. 1
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
SCV59748 ONSEMI-SCV59748 Datasheet
214Kb / 10P
   Linear Voltage Regulator with Bias Rail, 1.5 A, Very Low Dropout
June, 2020 - Rev. 0
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
   Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Monolithic Power System...
MP2030 MPS-MP2030 Datasheet
402Kb / 12P
   3A Dual Supply Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCP5666 ONSEMI-NCP5666 Datasheet
204Kb / 9P
   3.0 A, Low Dropout Linear Regulator with Enable
October, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com