データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP2166 データシート(PDF) 16 Page - Monolithic Power Systems

部品番号 MP2166
部品情報  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166 データシート(HTML) 16 Page - Monolithic Power Systems

Back Button MP2166 Datasheet HTML 12Page - Monolithic Power Systems MP2166 Datasheet HTML 13Page - Monolithic Power Systems MP2166 Datasheet HTML 14Page - Monolithic Power Systems MP2166 Datasheet HTML 15Page - Monolithic Power Systems MP2166 Datasheet HTML 16Page - Monolithic Power Systems MP2166 Datasheet HTML 17Page - Monolithic Power Systems MP2166 Datasheet HTML 18Page - Monolithic Power Systems MP2166 Datasheet HTML 19Page - Monolithic Power Systems MP2166 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
16
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage. The feedback resistor (R1) also sets
the feedback loop bandwidth with the internal
compensation (see Figure 5).
FB
VOUT
R1
R2
Figure 5: External Resistor Divider
In the case of ceramic capacitors used as
output capacitors (CO), the feedback loop
bandwidth (fC) is no higher than 1/10 of the
switching
frequency
for
optimal
transient
performance and good phase margin. If an
electrolytic
capacitor
is
used,
the
loop
bandwidth is no higher than 1/4 of the ESR zero
frequency (fESR). fESR can be calculated by
Equation (2):
ESR
ESR
O
1
f
2
R
C
 
(2)
For example, choose fC = 80kHz with a ceramic
capacitor and CO = 22μF.
R1 is estimated to be 10
0kΩ. R2 can then be
calculated with Equation (3):
OUT
R1
R2
V
1
0.6V
(3)
Use Table 1 to select resistor values based on
different output voltages.
Table 1: Resistor Selection vs. Output Voltage
Setting
VOUT
R1
R2
1.2V
100k
Ω
100k
Ω
1.5V
100k
Ω
66.5k
Ω
1.8V
100k
Ω
49.9k
Ω
2.5V
100k
Ω
31.6k
Ω
3.3V
100k
Ω
22.1k
Ω
Inductor Selection
An inductor with a DC current rating at least
25% higher than the maximum load current is
recommended for most applications. For best
efficiency, the inductor DC resistance should be
less
than
20mΩ. For most designs, the
inductance value can be derived from Equation
(4):
SW
L
IN
OUT
IN
OUT
f
I
V
)
V
-
(V
V
L
(4)
Where
∆IL is inductor ripple current. Choose the
inductor ripple current to be approximately 30%
of the maximum load current.
The maximum inductor peak current can be
calculated with Equation (5):
L
L(MAX)
LOAD
ΔI
I
= I
+
2
(5)
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and the switching noise
from the device. The input capacitor impedance
at the switching frequency should be less than
the input source impedance to prevent high-
frequency switching current from passing to the
input source. Ceramic capacitors with X5R or
X7R
dielectrics
are
highly
recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 22µF capacitor is sufficient.
Output Capacitor Selection
The output capacitor (CO) keeps the output
voltage ripple small and ensures a stable
regulation
loop.
The
output
capacitor
impedance should be low at the switching
frequency. Use ceramic capacitors with X5R or
X7R dielectrics. If an electrolytic capacitor is
used, pay close attention to the output ripple
voltage, extra heating, and the selection of the
upper feedback resistor due to the large ESR of
electrolytic capacitor (refer to the Setting the
Output Voltage section). The output ripple
(
∆V
OUT) can be approximated with Equation (6):
)
8
1
(
Co
f
ESR
f
L
V
)
V
-
(V
V
V
SW
SW
IN
OUT
IN
OUT
OUT
(6)


同様の部品番号 - MP2166

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP2160 MPS-MP2160 Datasheet
338Kb / 13P
   1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
MP21600 MPS-MP21600 Datasheet
1Mb / 17P
   0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP21600GQD MPS-MP21600GQD Datasheet
1Mb / 17P
   0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP2160GQH MPS-MP2160GQH Datasheet
338Kb / 13P
   1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
MP2160GQH MPS-MP2160GQH Datasheet
542Kb / 6P
   1.2A Peak, 6V, 3.5MHz Synchronous Step-Down Switcher Evaluation Board
More results

同様の説明 - MP2166

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
   6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2169B MPS-MPQ2169B Datasheet
2Mb / 27P
   6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
Rev. 1.0 12/20/2021
MP2122 MPS-MP2122 Datasheet
539Kb / 16P
   6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MPQ2122 MPS-MPQ2122 Datasheet
568Kb / 17P
   6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2122-J-00A MPS-EV2122-J-00A Datasheet
207Kb / 4P
   6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
   6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
logo
Linear Technology
LTC3546 LINER-LTC3546_15 Datasheet
367Kb / 30P
   Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
logo
Monolithic Power System...
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
   6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
   6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2108DQ-00A MPS-EV2108DQ-00A Datasheet
171Kb / 4P
   2A, 6V, 720KHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com