データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT510X データシート(PDF) 25 Page - Active-Semi, Inc

部品番号 ACT510X
部品情報  23V Buck-Boost Converter with Integrated MOSFETs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X データシート(HTML) 25 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 21Page - Active-Semi, Inc ACT510X Datasheet HTML 22Page - Active-Semi, Inc ACT510X Datasheet HTML 23Page - Active-Semi, Inc ACT510X Datasheet HTML 24Page - Active-Semi, Inc ACT510X Datasheet HTML 25Page - Active-Semi, Inc ACT510X Datasheet HTML 26Page - Active-Semi, Inc ACT510X Datasheet HTML 27Page - Active-Semi, Inc ACT510X Datasheet HTML 28Page - Active-Semi, Inc ACT510X Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
25
device must exit the LL_DIS state, and then a read will
clear this bit.
2
VIN_OV
NA
NA
0: Not Fault
1: VIN OV
VIN Overvoltage fault, Read to clear latching bit.
This bit will be set any time the VIN exceeds the OV
threshold. The VIN must be below the OV voltage and
then a read will clear this fault bit.
1
I2C_FAULT
NA
NA
0: Not Fault
1: I2C Fault
If set to 1, I2C command did not finish correctly or errors
on I2C data
0
RFU
NA
NA
REG 0x07: ADC Output 1 (Read only) (VM)
Bit
Name
Description
Comment
7
ADC_OUT[13]/[7]
0
Y
Selected data output from ADC_READ Register
ADC output
Upper 8 Bits of ADC output.
If only 8 Bits are used, then [7:0]
If all 14 Bits are used, then [13:6]
6
ADC_OUT[12]/[6]
0
Y
5
ADC_OUT[11]/[5]
0
Y
4
ADC_OUT[10]/[4]
0
Y
3
ADC_OUT[9]/[3]
0
Y
2
ADC_OUT[8]/[2]
0
Y
1
ADC_OUT[7]/[1]
0
Y
0
ADC_OUT[6]/[0]
0
Y
REG 0x08: ADC Output 2 (Read only) (VM)
Bit
Name
Description
Comment
7
RFU
0
Y
Selected data output from ADC_READ Register
Lower 6 LSB Bits of ADC Output
6
RFU
0
Y
5
ADC_OUT[5]
0
Y
4
ADC_OUT[4]
0
Y


同様の部品番号 - ACT510X

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
   ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT510US-T ACTIVE-SEMI-ACT510US-T Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results

同様の説明 - ACT510X

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
   2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Rohm
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com