データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT2861QI データシート(PDF) 13 Page - Active-Semi, Inc

部品番号 ACT2861QI
部品情報  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI データシート(HTML) 13 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 9Page - Active-Semi, Inc ACT2861QI Datasheet HTML 10Page - Active-Semi, Inc ACT2861QI Datasheet HTML 11Page - Active-Semi, Inc ACT2861QI Datasheet HTML 12Page - Active-Semi, Inc ACT2861QI Datasheet HTML 13Page - Active-Semi, Inc ACT2861QI Datasheet HTML 14Page - Active-Semi, Inc ACT2861QI Datasheet HTML 15Page - Active-Semi, Inc ACT2861QI Datasheet HTML 16Page - Active-Semi, Inc ACT2861QI Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
13
OTG
(VIN = 12V, VBAT = 7.6V, TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OTG Output Voltage
VOTG_REG_ACC
Internal Feedback Mode
VOTG_I2C Register = 0
Relative to the factory default
setting.
OTG output in PWM Mode.
Measured at VIN Pin
-1
1
%
OTG Reference Voltage
VOTG_REF_ACC
External Feedback
VOTG_I2C Register = 1
1.99
2
2.01
V
OTG Battery Cut Off Voltage
VOTG_BAT_CUTOFF
VBAT Rising
Relative to the factory default
VOTG_VBAT_CUTOFF Register setting
Measured at VBATS Pin
-3.0
VOTG_VBA
T_CUTOFF
3.0
%
OTG Battery Cut Off Voltage
Hysteresis
VOTG_BAT_CUTOFF_
HSYT
VBAT Falling
Relative to the actual
VOTG_VBAT_CUTOFF voltage
Measured at VBATS Pin
3
4
5
%
OTG Battery OV Threshold
VOTG_BAT_OV
VBAT Rising
Measured at VBATS Pin
22.75
23.5
24.25
V
OTG Battery OV Hysteresis
VOTG_BAT_OV_HYST
VBAT Falling
Measured at VBATS Pin
300
mV
OTG Output Current Range
IOTG_RANGE
With ICHG = 100% register setting
0.5
5
A
OTG Mode Output Constant Cur-
rent (measured at ISRN and
ISRP pins using 10mΩ current
sensing resistor)
IOTG_OCP
IOTG_OCP = 0.5A to 1A
-20
IOTG
+20
%
IOTG_OCP = 1A to 2A
-15
IOTG
+15
%
IOTG_OCP > 2A
-10
IOTG
+10
%
OTG Mode Output Constant
Current Undervoltage Protection
Threshold
VOTG_UVP
VOTG Falling
Enters Hiccup Mode
Measured at VIN pin
2.62
2.72
2.82
V
OTG Mode Output Constant
Current Undervoltage Protection
Deglitch Time
tOTG_UVP
VOTG Falling
7
us
OTG Hiccup Mode Off-Time
tOTC_HICCUP
Off-time after VOTG falls below
VOTG_UVP
3
secs
OTG Overvoltage Threshold
VOTG_OVP_INT
Reference to OTG_VOUT Register
Setting
Measured at VIN Pin
105
108
111
%
OTG Overvoltage Threshold
Hysteresis
VOTG_OVP_HYS
Falling Threshold
2
%
OTG Soft Start Time
tOTG_SS
Relative to the factory default
OTG_SS Register Setting.
From 0 to 100%
-30
OTG_SS
Setting
30
%
OTG Pulldown Current Source
IOTG_PD
VOTG Output > 2.0V
30
65
120
mA
OTG Off-Delay Timer
tOTG_OFF_DLY
OFF DLY is enabled
-10
OTG_O
FF_DLY
+10
%


同様の部品番号 - ACT2861QI

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

同様の説明 - ACT2861QI

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com