データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT2861QI データシート(PDF) 86 Page - Active-Semi, Inc

部品番号 ACT2861QI
部品情報  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI データシート(HTML) 86 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 82Page - Active-Semi, Inc ACT2861QI Datasheet HTML 83Page - Active-Semi, Inc ACT2861QI Datasheet HTML 84Page - Active-Semi, Inc ACT2861QI Datasheet HTML 85Page - Active-Semi, Inc ACT2861QI Datasheet HTML 86Page - Active-Semi, Inc ACT2861QI Datasheet HTML 87Page - Active-Semi, Inc ACT2861QI Datasheet HTML 88Page - Active-Semi, Inc ACT2861QI Datasheet HTML 89Page - Active-Semi, Inc ACT2861QI Datasheet HTML 90Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
86
REG 0x1C: JEITA (R/W) (NVM)
Bit
Name
Description
Comment
7
DIS_LDO_TSHUT
0
0: Enabled
1: Disabled
Disables the Thermal Shutdown for the LDO
regulator. This should be set to 0
6
DIS_JEITA
0
0: Use JEITA profile
settings below
1: Use OTG_COLD
and OTG_HOT
settings to disable
charge modes
5
JEITA_VSETH [2]
0
000: VTERM
001: VTERM-
200mV
010: VTERM-
300mV
011: VTERM-400mV
100: VTERM-
450mV
101: VTERM-
500mV
110: VTERM-600mV
111: VTERM-750mV
JEITA Warm (45°C-60°C) Temperature Voltage
Setting
DIS_JEITA = 0
4
JEITA_VSETH[1]
0
3
JEITA_VSETH[0]
0
2
JEITA_ISETH
0
0: 50% of ICHG
1: 100% of ICHG
Fast Charge Current Only
JEITA Warm (45°C-60°C) Temperature Current
Setting
Percentage with respect to ICHG register
DIS_JEITA = 0
Notes:
1. Result for 50% is rounded down
Example: 15% IFCHG at 50% reduction results
in 7% output
2. Result minimum is always 1%
Example: 1% IFCHG setting at 50% reduction
is still 1%
1
JEITA_ISETC[1]
0
00: Charge Suspend
01: 25% of ICHG
10: 50% of ICHG
Fast Charge Current
JEITA Low (0°C-10°C) Temperature Current Setting
Percentage with respect to ICHG register
0
JEITA_ISETC[0]
0


同様の部品番号 - ACT2861QI

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

同様の説明 - ACT2861QI

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com