データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT4921QI データシート(PDF) 11 Page - Active-Semi, Inc

部品番号 ACT4921QI
部品情報  Power Loss Protection with 6A eFuse
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4921QI データシート(HTML) 11 Page - Active-Semi, Inc

Back Button ACT4921QI Datasheet HTML 7Page - Active-Semi, Inc ACT4921QI Datasheet HTML 8Page - Active-Semi, Inc ACT4921QI Datasheet HTML 9Page - Active-Semi, Inc ACT4921QI Datasheet HTML 10Page - Active-Semi, Inc ACT4921QI Datasheet HTML 11Page - Active-Semi, Inc ACT4921QI Datasheet HTML 12Page - Active-Semi, Inc ACT4921QI Datasheet HTML 13Page - Active-Semi, Inc ACT4921QI Datasheet HTML 14Page - Active-Semi, Inc ACT4921QI Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ACT4921QI
Rev 1.0, 18-Jan-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
11
INTERNAL EFUSE
(VIN = 5V, TA = 25°C, unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Normal Mode
Operating Voltage Range
2.6
7
V
eFuse On-Resistance
ISW = -2A, VIN= 3.3V or 5V, TJ = 25°C
20
mΩ
ISW = -2A, VIN= 3.3V or 5V, TJ = 100°C
25
mΩ
Blocking FET On-Resistance
IOUT = 2A, VIN= 3.3V or 5V, TJ = 25°C
30
mΩ
IOUT = 2A, VIN= 3.3V or 5V, TJ = 100°C
38
mΩ
Programmable eFuse Current Limit
Range
VIN = 5V, Configured using ISET pin, Triggers nIRQ Pin
1
6
A
eFuse Current Limit Accuracy
-10
+10
%
Blocking FET Current Limit
VOUT-VB > 560mV or at initial startup
300
mA
VOUT-VB < 560mV except at initial startup
1800
ISET Monitor Current Ratio
ISET current divided by eFuse current
1/20,000
eFuse Overcurrent Detection Deglitch
10
µs
eFuse Overcurrent Current Shutdown
Shuts down after deglitch time and stays off for Off Time
6
A
Current Limit Restart Time
100
ms
eFuse Soft start
CSS = 10nF
5.94
6.6
7.26
mV/us
EN Input Low
VIO = 1.8V
0.58
V
EN Input High
VIO = 1.8V
1.22
V


同様の部品番号 - ACT4921QI

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW121-T ACTIVE-SEMI-ACT4910QW121-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW122-T ACTIVE-SEMI-ACT4910QW122-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW301-T ACTIVE-SEMI-ACT4911QW301-T Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

同様の説明 - ACT4921QI

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com