データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT8846 データシート(PDF) 19 Page - Active-Semi, Inc

部品番号 ACT8846
部品情報  Advanced PMU for Multi-core Application Processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 データシート(HTML) 19 Page - Active-Semi, Inc

Back Button ACT8846_17 Datasheet HTML 15Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 16Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 17Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 18Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 19Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 20Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 21Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 22Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 23Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
19 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
LOW-NOISE LDO ELECTRICAL CHARACTERISTICS
(VINL1 = VINL2 = 3.6V, COUT5 = COUT6 = COUT7 = COUT8 = COUT9 = 2.2µF, TA = 25°C, unless otherwise specified.)
: VNOM refers to the nominal output voltage level for VOUT as defined by the Ordering Information section.
: IMAX Maximum Output Current.
: Dropout Voltage is defined as the differential voltage between input and output when the output voltage drops 100mV below the
regulation voltage (for 3.1V output voltage or higher).
: LDO current limit is defined as the output current at which the output voltage drops to 95% of the respective regulation voltage.
Under heavy overload conditions the output current limit folds back by 50% (typ.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.5
5.5
V
VOUT ≥ 1.0V, IOUT = 10mA
-
1
VNOM
1
%
Output Voltage Accuracy
VOUT < 1.0V, IOUT = 10mA
-
10
10
mV
Line Regulation
VINL = Max (VOUT + 0.5V, 3.6V) to 5.5V
0.5
mV
Load Regulation
IOUT = 1mA to IMAX
0.1
V/A
Power Supply Rejection Ratio
f = 1kHz, IOUT = 20mA, VOUT = 1.2V
75
dB
f = 10kHz, IOUT = 20mA, VOUT = 1.2V
65
Supply Current per Output
Regulator Enabled
25
µA
Regulator Disabled
0
2
Soft-Start Period
VOUT = 3.0V
140
µs
Power Good Threshold
VOUT Rising
92
%
Power Good Hysteresis
VOUT Falling
3.5
%
Output Noise
IOUT = 20mA, f = 10Hz to 100kHz, VOUT =
1.2V
30
µVRMS
Discharge Resistance
LDO Disabled, DIS[ ] = 1
1.5
kΩ
LDO rated at 150mA (REG5 & REG6)
Dropout Voltage
IOUT = 80mA, VOUT > 3.1V
140
280
mV
Maximum Output Current
150
mA
Current Limit
VOUT = 95% of regulation voltage
180
mA
Recommend Output Capacitor
2.2
µF
LDO rated at 350mA (REG7, REG8 & REG9)
Dropout Voltage
IOUT = 160mA, VOUT > 3.1V
140
280
mV
Maximum Output Current
350
mA
Current Limit
VOUT = 95% of regulation voltage
400
mA
Recommend Output Capacitor
2.2
µF


同様の部品番号 - ACT8846_17

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
More results

同様の説明 - ACT8846_17

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8849 ACTIVE-SEMI-ACT8849 Datasheet
708Kb / 35P
   Advanced PMU for Multi-core Application Processors
Rev PrB, 12-Jun-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com