データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT8892 データシート(PDF) 20 Page - Active-Semi, Inc

部品番号 ACT8892
部品情報  Advanced Power Management Unit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 データシート(HTML) 20 Page - Active-Semi, Inc

Back Button ACT8892_17 Datasheet HTML 16Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 17Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 18Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 19Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 20Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 21Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 22Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 23Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 20 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
1.32
1.28
1.24
1.2
1.16
1.12
1.08
1.04
1
REG4, 5, 6 Output Voltage vs. Output Current
Output Current (mA)
0
50
100
150
200
250
300
400
REG4, REG5, REG6
3.66
3.58
3.5
3.42
3.34
3.26
3.18
3.1
3.02
REG7 Output Voltage vs. Output Current
REG7
Output Current (mA)
0
50
100
150
200
250
300
400
Output Current (mA)
0
50
100
150
200
250
300
350
400
Dropout Voltage vs. Output Current
250
200
150
100
50
0
REG4, REG6
VIN = 3.3V
Dropout Voltage vs. Output Current
350
300
250
200
150
100
50
0
REG5, REG7
VIN = 3.3V
Output Current (mA)
0
50
100
150
200
250
300
350
400


同様の部品番号 - ACT8892_17

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892 Datasheet
88Kb / 2P
   Advanced Power Management Unit
05-Dec-12
More results

同様の説明 - ACT8892_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com