データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT8892 データシート(PDF) 1 Page - Active-Semi, Inc

部品番号 ACT8892
部品情報  Advanced Power Management Unit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 データシート(HTML) 1 Page - Active-Semi, Inc

  ACT8892_17 Datasheet HTML 1Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 2Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 3Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 4Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 5Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 6Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 7Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 8Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Rev 3, 28-June-17
ACT8892
Advanced Power Management Unit
FEATURES
Three Step-Down DC/DC Converters
Four Low-Dropout Linear Regulators
I2CTM Serial Interface
Advanced Enable/Disable Sequencing Controller
Minimal External Components
Tiny 4×4mm TQFN44-32 Package
 0.75mm Package Height
 Pb-Free and RoHS Compliant
GENERAL DESCRIPTION
The ACT8892 is a complete, cost effective, highly-
efficient ActivePMUTM power management solution
that is ideal for a wide range of high performance
portable handheld applications such as tablet or pad
devices.
This device features three step-down DC/DC
converters and four low-noise, low-dropout linear
regulators.
The three DC/DC converters utilize a high-
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1150mA of output
current, while the third supports up to 1300mA. All
four low-dropout
linear
regulators
are
high-
performance, low-noise, regulators that supply up to
320mA.
The ACT8892 is available in a compact, Pb-Free
and RoHS-compliant TQFN44-32 package.
TYPICAL APPLICATION DIAGRAM
OUT2
0.6V to 3.9V
Up to 1150mA
OUT5
0.6V to 3.9V
Up to 320mA
System
Control
OUT4
0.6V to 3.9V
Up to 320mA
nPBIN
SCL
VSYS
OUT1
0.6V to 3.9V
Up to 1150mA
PWRHLD
SDA
OUT7
0.6V to 3.9V
Up to 320mA
OUT6
0.6V to 3.9V
Up to 320mA
PWREN
nRSTO
nIRQ
nPBSTAT
ACT8892
REG6
LDO
REG5
LDO
REG4
LDO
REG2
Step-Down
DC/DC
REG1
Step-Down
DC/DC
REG7
LDO
OUT3
0.6V to 3.9V
Up to 1300mA
REG3
Step-Down
DC/DC
VSEL
Battery


同様の部品番号 - ACT8892_17

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892 Datasheet
88Kb / 2P
   Advanced Power Management Unit
05-Dec-12
More results

同様の説明 - ACT8892_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com