データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAC5255 データシート(PDF) 44 Page - Active-Semi, Inc

部品番号 PAC5255
部品情報  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 データシート(HTML) 44 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 40Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 41Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 42Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 43Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 44Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 45Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 46Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 47Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 48Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
PAC5255
Power Application Controller
signal from the CAFE can be used to disable low-side group 1, high-side group 1, or both depending on the PR1 mask bit
settings. The PR2 signal from the CAFE can be used to disable low-side group 2, high-side group 2, or both depending on
the PR2 mask bit settings. ENHS2 (high-side group 2 control output) pin is provided for enabling external power drivers
with fault protection.
12.3.7. Low-Speed Clock Output
The ASPD incorporates an option for a low-speed clock output. This is primarily for applications which need to measure an
internally generated clock, to compare it to the main clock (such as IEC 60730 Class B Safety). By default, the
CLKOUT/ENHS2 pin will generate a 290Hz 5V square wave clock, but this pin can be configured to change the clock
frequency (290Hz, 580Hz or 1.16kHz), or select between output clock and ENHS2 (high-side group 2 control output – as
described above).
- 44 -
Rev 1.10‒March 3, 2018


同様の部品番号 - PAC5255_18

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

同様の説明 - PAC5255_18

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com