データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S29GL512N データシート(PDF) 57 Page - Cypress Semiconductor

部品番号 S29GL512N
部品情報  512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512N データシート(HTML) 57 Page - Cypress Semiconductor

Back Button S29GL512N Datasheet HTML 53Page - Cypress Semiconductor S29GL512N Datasheet HTML 54Page - Cypress Semiconductor S29GL512N Datasheet HTML 55Page - Cypress Semiconductor S29GL512N Datasheet HTML 56Page - Cypress Semiconductor S29GL512N Datasheet HTML 57Page - Cypress Semiconductor S29GL512N Datasheet HTML 58Page - Cypress Semiconductor S29GL512N Datasheet HTML 59Page - Cypress Semiconductor S29GL512N Datasheet HTML 60Page - Cypress Semiconductor S29GL512N Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
Document Number: 002-01522 Rev. *B
Page 57 of 92
S29GL512N
S29GL256N
S29GL128N
Legend
X = Don’t care.
RA = Read Address.
RD = Read Data.
PA = Program Address. Addresses latch on the falling edge of WE# or CE# pulse, whichever occurs later.
PD = Program Data. Data latches on the rising edge of WE# or CE# pulse, whichever occurs first.
SA = Sector Address. Any address that falls within a specified sector. See Tables – for sector address ranges.
WBL = Write Buffer Location. Address must be within the same write buffer page as PA.
WC = Word Count. Number of write buffer locations to load minus 1.
Notes
1. See Table on page 10 for description of bus operations.
2. All values are in hexadecimal.
3. Shaded cells indicate read cycles.
4. Address and data bits not specified in table, legend, or notes are don’t cares (each hex digit implies 4 bits of data).
5. Writing incorrect address and data values or writing them in the improper sequence may place the device in an unknown state. The system must write the reset
command to return reading array data.
6. No unlock or command cycles required when bank is reading array data.
7. Reset command is required to return to reading array data in certain cases. See Reset Command on page 43 for details.
8. Data in cycles 5 and 6 are listed in Table on page 34.
9. The data is 00h for an unprotected sector and 01h for a protected sector. PPB Status Read provides the same data but in inverted form.
10. If DQ7 = 1, region is factory serialized and protected. If DQ7 = 0, region is unserialized and unprotected when shipped from factory. See Secured Silicon Sector Flash
Memory Region on page 39 for more information.
11. Command is valid when device is ready to read array data or when device is in autoselect mode.
12. Total number of cycles in the command sequence is determined by the number of words written to the write buffer.
13. Command sequence resets device for next command after write-to-buffer operation.
14. Requires Entry command sequence prior to execution. Unlock Bypass Reset command is required to return to reading array data.
Memory Array Commands (x8)
Command Sequence
(Notes)
Bus Cycles (Notes 1–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Asynchronous Read (6)
1RA
RD
Reset (7)
1XXX
F0
Manufacturer ID
4
AAA
AA
555
55
AAA
90
X00
01
Device ID (8)
6
AAA
AA
555
55
AAA
90
X02
XX7E
X1C
Data
X1E
Data
Sector Protect Verify (9)
4
AAA
AA
555
55
AAA
90
[SA]X04
Data
Secure Device Verify (10)
4
AAA
AA
555
55
AAA
90
X06
Data
CFI Query (11)
1AA
98
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Write to Buffer (12)
6
AAA
AA
555
55
PA
25
SA
WC
PA
PD
WBL
PD
Program Buffer to Flash
1
SA
29
Write to Buffer Abort Reset (13)
3
AAA
AA
PA
55
555
F0
Entry
3
AAA
AA
555
55
AAA
20
Program (14)
2
XXX
A0
PA
PD
Sector Erase (14)
2
XXX
80
SA
30
Chip Erase (14)
2
XXX
80
SA
10
Reset
2
XXX
90
XXX
00
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Sector Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Erase/Program Suspend (15)
1XXX
B0
Erase/Program Resume (16)
1XXX
30
Entry
3
AAA
AA
555
55
AAA
88
Program (17)
4
AAA
AA
555
55
AAA
A0
PA
PD
Read (17)
100Data
Exit (17)
4
AAA
AA
555
55
AAA
90
XXX
00


同様の部品番号 - S29GL512N

メーカー部品番号データシート部品情報
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI020 SPANSION-S29GL512N10FAI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

同様の説明 - S29GL512N

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
S29GL01GP CYPRESS-S29GL01GP Datasheet
910Kb / 82P
   1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
logo
SPANSION
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
logo
Cypress Semiconductor
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com