データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT8946AQJ203-T データシート(PDF) 30 Page - Active-Semi, Inc

部品番号 ACT8946AQJ203-T
部品情報  Advanced PMU for Hisilicon Processors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8946AQJ203-T データシート(HTML) 30 Page - Active-Semi, Inc

Back Button ACT8946AQJ203-T Datasheet HTML 26Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 27Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 28Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 29Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 30Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 31Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 32Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 33Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 34Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ACT8946AQJ203-T
Rev 1.0, 08-Jul-16
ActivePMU and ActivePath are trademarks of Active-Semi.
-
30 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
General Description
The ACT8946A features an advanced battery
charger that
incorporates the
patent-pending
ActivePath architecture for system power selection.
This combination of circuits provides a complete,
advanced
battery-management
system
that
automatically selects the best available input
supply, manages charge current to ensure system
power availability, and provides a complete, high-
accuracy (±0.5%), thermally regulated, full-featured
single-cell linear Li+ charger that can withstand
input voltages of up to 12V.
ActivePath Architecture
The
ActivePath
architecture
performs
three
important functions:
1) System Configuration Optimization
2) Input Protection
3) Battery-Management
System Configuration Optimization
The ActivePath circuitry monitors the state of the
input supply, the battery, and the system, and
automatically reconfigures itself to optimize the
power system. If a valid input supply is present,
ActivePath powers the system from the input while
charging the battery in parallel. This allows the
battery to charge as quickly as possible, while
supplying the system. If a valid input supply is not
present, ActivePath powers the system from the
battery. Finally, if the input is present and the
system current requirement exceeds the capability
of the input supply, ActivePath allows system power
to be drawn from both the battery and the input
supply.
Input Protection
Input Over-Voltage Protection
The ActivePath circuitry features input over-voltage
protection circuitry. This circuitry disables charging
when the input voltage exceeds the voltage set by
OVPSET[-] as shown in Table 6, but stands off the
input voltage in order to protect the system. Note
that the adjustable OVP threshold is intended to
provide the charge cycle with adjustable immunity
against upward voltage transients on the input, and
is not intended to allow continuous charging with
input voltages above the charger's normal operating
voltage range. Independent of the OVPSET[-]
setting, the charge cycle is not allowed to resume
until the input voltage falls back into the charger's
normal operating voltage range (i.e. below 6.0V).
In an input over-voltage condition this circuit limits
VVSYS to 4.6V, protecting any circuitry connected to
VSYS from the over-voltage condition, which may
exceed this circuitry's voltage capability. This circuit
is capable of withstanding input voltages of up to
12V.
Table 6: Input Over-Voltage Protection Setting
Input Supply Overload Protection
The ActivePath circuitry monitors and limits the total
current drawn from the input supply to a value set
by the ACIN and CHGLEV inputs, as well as the
resistor connected to ISET. Drive ACIN to a logic-
low for “USB Mode”, which limits the input current to
either 100mA, when CHGLEV is driven to a logic-
low, or 450mA, when CHGLEV is driven to a logic-
high. Drive ACIN to a logic-high for “AC-Mode”,
which limits the input current to 2A, typically.
Input Under Voltage Lockout
If the input voltage applied to CHGIN falls below
3.5V (typ), an input under-voltage condition is
detected and the charger is disabled. Once an input
under-voltage condition is detected, a new charge
cycle will initiate when the input exceeds the under-
voltage threshold by at least 500mV.
Battery Management
The ACT8946A features a full-featured, intelligent
charger for Lithium-based cells, and was designed
specifically to provide a complete charging solution
with minimum system design effort.
The core of the charger is a CC/CV (Constant-
Current/Constant-Voltage),
linear-mode
charge
controller. This controller incorporates current and
voltage sense circuitry, an internal 70mΩ power
MOSFET,
thermal-regulation
circuitry,
a
full-
featured state machine that implements charge
control and safety features, and circuitry that
eliminates the reverse blocking diode required by
conventional charger designs.
The charge termination voltage is highly accurate
(±0.5%), and features a selection of charge safety
time-out periods that protect the system from
operation with damaged cells. Other features
include pin-programmable fast-charge current and
one current-limited nSTAT output that can directly
drive LED indicator or provide a logic-level status
signal to the host microprocessor
.
Dynamic Charge Current Control (DCCC)
The ACT8946A's ActivePath charger features
dynamic charge current control (DCCC) circuitry,
which acts to ensure that the system remains
powered while operating within the maximum output
capability of the power adapter. The DCCC circuitry
continuously monitors VVSYS, and if the voltage at
VSYS drops by more than 200mV, the DCCC
ActivePath CHARGER
OVPSET[1]
OVPSET[0]
OVP THRESHOLD
0
0
6.6V
0
1
7.0V
1
0
7.5V
1
1
8.0V


同様の部品番号 - ACT8946AQJ203-T

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results

同様の説明 - ACT8946AQJ203-T

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8840 ACTIVE-SEMI-ACT8840_15 Datasheet
724Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 2, 29-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com