データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL1406 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 TSL1406
部品情報  768 X 1 LINEAR SENSOR ARRAY WITH HOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TSL1406 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  TSL1406 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL1406 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL1406 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL1406 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL1406 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL1406 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL1406 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL1406 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL1406 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TSL1406R, TSL1406RS
768 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS042 – AUGUST 2002
4
t
t
Copyright
E 2002, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
Absolute Maximum Ratings
Supply voltage range, VDD
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.3 V to VDD + 0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0) or (VI > VDD)
–20 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDD)
–25 mA to 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high impedance or power-off state, VO
–0.3 V to VDD + 0.3 V
. . .
Continuous output current, IO (VO = 0 to VDD)
–25 mA to 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VDD or GND
–40 mA to 40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog output current range, IO
–25 mA to 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum light exposure at 638 nm
5 mJ/cm2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Recommended Operating Conditions (see Figure 1 and Figure 2)
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
5.5
V
Input voltage, VI
0
VDD
V
High-level input voltage, VIH
2
VDD
V
Low-level input voltage, VIL
0
0.8
V
Wavelength of light source,
λ
400
1000
nm
Clock frequency, fclock
5
8000
kHz
Sensor integration time, Serial, tint
0.098
100
ms
Sensor integration time, Parallel, tint
0.050
100
ms
Setup time, serial input, tsu(SI)
20
ns
Hold time, serial input, th(SI) (see Note 1)
0
ns
Operating free-air temperature, TA
0
70
°C
NOTE 1: SI must go low before the rising edge of the next clock pulse.


同様の部品番号 - TSL1406

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL1406R TAOS-TSL1406R Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1406R AMSCO-TSL1406R Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1406RS TAOS-TSL1406RS Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1406RS AMSCO-TSL1406RS Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
More results

同様の説明 - TSL1406

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL1406R TAOS-TSL1406R Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
   256 X 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1410R ETC-TSL1410R Datasheet
125Kb / 10P
   1280 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL1401 TI1-TSL1401 Datasheet
142Kb / 8P
[Old version datasheet]   128 x 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CS ETC-TSL1401CS Datasheet
169Kb / 14P
   128 1 LINEAR SENSOR ARRAY WITH HOLD
TSLW1401R ETC1-TSLW1401R Datasheet
122Kb / 10P
   EXTENDED TEMPERATURE 128 x 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CL TAOS-TSL1401CL Datasheet
647Kb / 17P
   LINEAR SENSOR ARRAY WITH HOLD
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
   1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com