データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL1406R データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 TSL1406R
部品情報  768 X 1 LINEAR SENSOR ARRAY WITH HOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TSL1406R データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TSL1406R Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL1406R Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL1406R Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL1406R Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL1406R Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL1406R Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL1406R Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL1406R Datasheet HTML 11Page - List of Unclassifed Manufacturers TSL1406R Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TSL1406R, TSL1406RS
768 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS042 – AUGUST 2002
8
t
t
Copyright
E 2002, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 7
SETTLING TIME
vs.
LOAD
RL — Load Resistance – W
0
200
400
600
800
1000
0
100
200
300
400
500
600
VDD = 3 V
Vout = 1 V
470 pF
220 pF
100 pF
10 pF
Figure 8
SETTLING TIME
vs.
LOAD
RL — Load Resistance – W
0
200
400
600
800
1000
0
100
200
300
400
500
600
VDD = 5 V
Vout = 1 V
470 pF
220 pF
100 pF
10 pF
APPLICATION INFORMATION
VDD
VDD
SI1/HOLD1/HOLD2
CLK1 and CLK2
SO1
SI2
SO2
AO1/AO2
SI1/HOLD
1
CLK1 and CLK2
AO1
SO1
SI2/HOLD2
SO2
AO2
SERIAL
PARALLEL
1
2
3
4
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
9
10
11
12
13
Figure 9. Operational Connections


同様の部品番号 - TSL1406R

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL1406R TAOS-TSL1406R Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1406R AMSCO-TSL1406R Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1406RS TAOS-TSL1406RS Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1406RS AMSCO-TSL1406RS Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
More results

同様の説明 - TSL1406R

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL1406R TAOS-TSL1406R Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
   256 X 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1410R ETC-TSL1410R Datasheet
125Kb / 10P
   1280 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL1401 TI1-TSL1401 Datasheet
142Kb / 8P
[Old version datasheet]   128 x 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CS ETC-TSL1401CS Datasheet
169Kb / 14P
   128 1 LINEAR SENSOR ARRAY WITH HOLD
TSLW1401R ETC1-TSLW1401R Datasheet
122Kb / 10P
   EXTENDED TEMPERATURE 128 x 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CL TAOS-TSL1401CL Datasheet
647Kb / 17P
   LINEAR SENSOR ARRAY WITH HOLD
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
   1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com