データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB050N15BRQ8 データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 MTB050N15BRQ8
部品情報  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050N15BRQ8 データシート(HTML) 2 Page - Cystech Electonics Corp.

  MTB050N15BRQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB050N15BRQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB050N15BRQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB050N15BRQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB050N15BRQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB050N15BRQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB050N15BRQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB050N15BRQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB050N15BRQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C033Q8
Issued Date : 2018.03.07
Revised Date :
Page No. : 2/9
MTB050N15BRQ8
CYStek Product Specification
Absolute Maximum Ratings (Tc=25°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
150
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ VGS=10V, TC=25
°C
6.2
Continuous Drain Current @ VGS=10V, TC=100
°C
3.9
Continuous Drain Current @ VGS=10V, TA=25
°C
4.9
Continuous Drain Current @ VGS=10V, TA=70
°C
ID
3.9
Pulsed Drain Current
IDM
20
*1
Avalanche Current @ L=0.1mH
IAS
32
A
Avalanche Energy @ L=1mH, ID=16A, VDD=25V
EAS
128 *3
Repetitive Avalanche Energy @ L=0.05mH
EAR
1.6
*2
mJ
TA=25
°C
3.1
Total Power Dissipation
TA=70
°C
PD
2.0
W
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Note : *1
. Pulse width limited by maximum junction temperature
*2. Duty cycle ≤ 1%
*3. 100% tested by conditions of L=0.1mH, IAS=4.5A, VGS=10V, VDD=25V
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case
RθJC
25
Thermal Resistance, Junction-to-ambient (Note)
RθJA
40
°C/W
Note : 40°C / W when mounted on a 1 in2 pad of 2 oz copper, t≤10s; 125°C/W when mounted on minimum pad.
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
150
-
-
VGS=0V, ID=250μA
VGS(th)
1
-
2.5
V
VDS = VGS, ID=250μA
GFS
-
12.6
-
S
VDS =10V, ID=5A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
1
VDS =120V, VGS =0V
IDSS
-
-
10
μA
VDS =120V, VGS =0V, Tj=85
°C
-
46.5
62
VGS =10V, ID=4.5A
*RDS(ON)
-
52
72
VGS =4.5V, ID=3.3A
Dynamic
Qg *1, 2
-
24.5
37
Qgs *1, 2
-
3.9
-
Qgd *1, 2
-
4.7
-
nC
VDS=75V, ID=2A, VGS=10V
Ciss
-
1376
2064
Coss
-
65
98
Crss
-
12
24
pF
VDS=75V, VGS=0V, f=1MHz


同様の部品番号 - MTB050N15BRQ8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB050N15BRH8 CYSTEKEC-MTB050N15BRH8 Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRH8-0-T6-G CYSTEKEC-MTB050N15BRH8-0-T6-G Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRV8 CYSTEKEC-MTB050N15BRV8 Datasheet
475Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRV8-0-T6-G CYSTEKEC-MTB050N15BRV8-0-T6-G Datasheet
475Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB050N15BRQ8

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com