データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEP34DR2 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100LVEP34DR2
部品情報  2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP34DR2 データシート(HTML) 2 Page - ON Semiconductor

  MC100LVEP34DR2 Datasheet HTML 1Page - ON Semiconductor MC100LVEP34DR2 Datasheet HTML 2Page - ON Semiconductor MC100LVEP34DR2 Datasheet HTML 3Page - ON Semiconductor MC100LVEP34DR2 Datasheet HTML 4Page - ON Semiconductor MC100LVEP34DR2 Datasheet HTML 5Page - ON Semiconductor MC100LVEP34DR2 Datasheet HTML 6Page - ON Semiconductor MC100LVEP34DR2 Datasheet HTML 7Page - ON Semiconductor MC100LVEP34DR2 Datasheet HTML 8Page - ON Semiconductor MC100LVEP34DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC100LVEP34
http://onsemi.com
2
VCC
Q0
Q1
VCC
Q2
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
EN
NC
CLK
CLK
VBB
MR
VEE
D
Q
R
Q
R
÷2
Q
R
÷4
Q
R
÷8
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Q0
Q1
Q2
Figure 1. 16−Lead Pinout (Top View) and Logic Diagram
Table 1. PIN DESCRIPTION
Pin
Function
CLK*, CLK**
ECL Diff Clock Inputs
EN*
ECL Sync Enable
MR*
ECL Master Reset
Q0, Q0
ECL Diff ÷2 Outputs
Q1, Q1
ECL Diff ÷4 Outputs
Q2, Q2
ECL Diff ÷8 Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
* Pins will default LOW when left open.
**Pins will default to VCC/2 when left open.
Table 2. FUNCTION TABLE
CLK
EN
MR
FUNCTION
Z
ZZ
X
L
H
X
L
L
H
Divide
Hold Q0−3
Reset Q0−3
Z = Low−to−High Transition
ZZ = High−to−Low Transition


同様の部品番号 - MC100LVEP34DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEP34DR2 ONSEMI-MC100LVEP34DR2 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DR2G ONSEMI-MC100LVEP34DR2G Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DR2G ONSEMI-MC100LVEP34DR2G Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
More results

同様の説明 - MC100LVEP34DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
logo
Freescale Semiconductor...
MC100ES6139 FREESCALE-MC100ES6139 Datasheet
241Kb / 12P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
MC100ES6039 FREESCALE-MC100ES6039 Datasheet
236Kb / 8P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com