データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEP34DTR2 データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC100LVEP34DTR2
部品情報  2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP34DTR2 データシート(HTML) 6 Page - ON Semiconductor

Back Button MC100LVEP34DTR2 Datasheet HTML 2Page - ON Semiconductor MC100LVEP34DTR2 Datasheet HTML 3Page - ON Semiconductor MC100LVEP34DTR2 Datasheet HTML 4Page - ON Semiconductor MC100LVEP34DTR2 Datasheet HTML 5Page - ON Semiconductor MC100LVEP34DTR2 Datasheet HTML 6Page - ON Semiconductor MC100LVEP34DTR2 Datasheet HTML 7Page - ON Semiconductor MC100LVEP34DTR2 Datasheet HTML 8Page - ON Semiconductor MC100LVEP34DTR2 Datasheet HTML 9Page - ON Semiconductor MC100LVEP34DTR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC100LVEP34
http://onsemi.com
6
Table 8. AC CHARACTERISTICS VCC= 0 V; VEE= −3.8 V to −2.375 V or VCC= 2.375 V to 3.8 V; VEE= 0 V (Note 14)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
(See Figure 4. Fmax/JITTER)
2.8
2.8
2.8
GHz
tPLH
tPHL
Propagation
CLK to Q0, Q1, Q2
Delay to Output
MR to Q
550
500
650
600
750
700
600
550
700
650
800
750
650
600
750
700
850
800
ps
tJITTER
Cycle−to−Cycle Jitter
(See Figure 4. Fmax/JITTER)
< 1
< 1
< 1
ps
tS
Setup Time EN
150
50
150
50
150
50
ps
tH
Hold Time EN
200
100
200
100
200
100
ps
tRR
Set/Reset Recovery
300
200
300
200
300
200
ps
VPP
Input Swing (Note 15)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
90
170
200
100
180
250
120
200
280
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
15.VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.


同様の部品番号 - MC100LVEP34DTR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEP34DTR2 ONSEMI-MC100LVEP34DTR2 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DTR2G ONSEMI-MC100LVEP34DTR2G Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DTR2G ONSEMI-MC100LVEP34DTR2G Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
More results

同様の説明 - MC100LVEP34DTR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
logo
Freescale Semiconductor...
MC100ES6139 FREESCALE-MC100ES6139 Datasheet
241Kb / 12P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
MC100ES6039 FREESCALE-MC100ES6039 Datasheet
236Kb / 8P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com