データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54-500 データシート(PDF) 2 Page - NTE Electronics

部品番号 54-500
部品情報  Round Hole Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics

54-500 データシート(HTML) 2 Page - NTE Electronics

  54-500 Datasheet HTML 1Page - NTE Electronics 54-500 Datasheet HTML 2Page - NTE Electronics 54-500 Datasheet HTML 3Page - NTE Electronics 54-500 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
167
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Round Hole Rocker Switches
Round Hole
NTE
Type No.
Circuitry
Action
Actuator
Legend
Diag
No.
54−514
SPST
ON
NONE
OFF
Nylon
Yes
S94
54−515
SPDT
ON
NONE
ON
Nylon
No
S94
54−516
DPDT
ON
NONE
ON
Nylon
No
S94
.185 (4.7)
.335
(8.5)
S94
M18 x 1.0
1.102
(28.0)
.650 (16.5) Dia
1.181 (30.0)
.295
(7.5)
.283
(7.2)
.492
(12.5)
.787 (20.0)
.945 (24.0) Dia
Specifications
Current Rating: 6A 125VAC, 3A 250VAC
Insulation Resistance: 100 Megohms (min.) at 500VDC
Dielectric Strength: 1500V RMS (min.)
Temperature Rating: −4 to +149 F (−20 to +65 C)
Electrical Life: 6,000 cycles (min.)
Mechanical Life: 100,000 cycles (min.)
Terminal Type: Solder Lug
Mounting Hole: .717 (18.2)
Round Hole
Features
Illuminated Types Available on Page 180
NTE
Type No.
Circuitry
Action
Actuator
Legend
Diag
No.
54−709
SPST
ON
NONE
OFF
Nylon
No
S139
1.484
(37.7)
S139
.354 (9.0)
.394
(10.0)
.382
(9.7)
1.181 (30.0)
.748 (19.0)
M12 x 1.0
Specifications
Current Rating: 30A 12VDC, 15A 24VDC, 1/4 HP 125V to 250V
Insulation Resistance: 100 Megohms (min.) at 500VDC
Dielectric Strength: 1500V RMS (min.)
Temperature Rating: −4 to +149 F (−20 to +65 C)
Electrical Life: 6,000 cycles
Mechanical Life: 10,000 cycles
Terminal Type: .250” Tab Q.C.
Mounting Hole: .480 (12.2)


同様の部品番号 - 54-500

メーカー部品番号データシート部品情報
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
   CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54-00202 JDSU-54-00202 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
54-00203 JDSU-54-00203 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
More results

同様の説明 - 54-500

メーカー部品番号データシート部品情報
logo
C&K Components
CR101J12S2156 CK-COMPONENTS-CR101J12S2156 Datasheet
880Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR CK-COMPONENTS-CR Datasheet
375Kb / 4P
   Round Single Pole Specialty Rocker Switches
2018
logo
GREATECS
RK12 GREATECS-RK12 Datasheet
213Kb / 1P
   23 mm Round illuminated Rocker Switches
logo
ITT Industries
CR101J12S215QF ITT-CR101J12S215QF Datasheet
164Kb / 4P
   Round Single Pole Specialty Rocker Switches
C101J12S215QF ITT-C101J12S215QF Datasheet
274Kb / 4P
   Round Single Pole Specialty Rocker Switches
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
   Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
   ROCKER SWITCHES
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
   Rocker Switches
9 Oct 2019
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
   ROCKER SWITCHES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com