データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSE-0155-32S-P1-3 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 TSE-0155-32S-P1-3
部品情報  SINGLE MODE SINGLE FIBER TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TSE-0155-32S-P1-3 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  TSE-0155-32S-P1-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TX-1310/RX-1550 nm Single-mode Bi-directional (Single-Fiber)Transceiver
2
×5 SC Simplex Connector, 3.3 V (17dB Margin)
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Revision : 4.5
5/10
Date : 2003/02/17
http:// www.ritekom.com
Typical BER Performance of Receiver versus Input Optical Power Level
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
-2.5
-2
-1.5
-1
-0.5
0
0.5
Relative Input Optical Power (dB)
The figure shows the relationship between typical trade-off of BER and Relative Input Optical Power. Besides the
required BER =1
× 10 –10 of the ATM Forum 155.52 Mbps Physical Layer Standard, The transceiver can be operated at
other Bit-Error-Rate conditions. The Relative Input Optical Power in dB is referenced to the actual sensitivity of the
device. For BER conditions better than 1
× 10 –10, more input signal is needed (+dB).
Eye Diagram
Transmitter
Receiver
Signal pattern: PRBS 23
Signal pattern: PRBS 23
Input Power:
−32 dBm


同様の部品番号 - TSE-0155-32S-P1-3

メーカー部品番号データシート部品情報
logo
Adam Technologies, Inc.
TSE-XX-C ADAM-TECH-TSE-XX-C Datasheet
84Kb / 1P
   CENTRALLINE LEVER BLOCK
TSE-XX-C-FL ADAM-TECH-TSE-XX-C-FL Datasheet
93Kb / 1P
   CENTRALLINE LEVER BLOCK
More results

同様の説明 - TSE-0155-32S-P1-3

メーカー部品番号データシート部品情報
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG_2015 OPTOWAY-SPM-9700MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG_15 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG OPTOWAY-SPM-9700MG_15 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-7600G_2015 OPTOWAY-SPM-7600G_2015 Datasheet
176Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602G OPTOWAY-SPM-3602G_15 Datasheet
177Kb / 6P
   125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G OPTOWAY-SPM-5601G_15 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-9600G OPTOWAY-SPM-9600G_15 Datasheet
176Kb / 6P
   2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7700G_2015 OPTOWAY-SPM-7700G_2015 Datasheet
177Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G_2015 OPTOWAY-SPM-5601G_2015 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com