データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA2B200AX データシート(PDF) 1 Page - Mitsubishi Electric Semiconductor

部品番号 UA2B200AX
部品情報  Contact Type Image Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

UA2B200AX データシート(HTML) 1 Page - Mitsubishi Electric Semiconductor

  UA2B200AX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor UA2B200AX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor UA2B200AX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor UA2B200AX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor UA2B200AX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor UA2B200AX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UA2B200AX
Contact Type Image Sensor
( 1/6 )
1. Application
This specification sheet is applied to Contact Type Image Sensor UA2B200AX.
2.
General Description
The UA2B200AX is a contact type image sensor with a valid pixel density of 200 DPI capable of
scanning an image at the rate of 250
µs/line for 200 mm width. The video signal is outputted at the
8-bit long digital value and is provided with black and white output correcting function for each
pixel.
3.
Specifications
The specifications of this contact type image sensor are shown in the table below.
Item
Specifications
Remarks
Valid scanning width
200mm
Sensor output width 207.4 mm
(Including white-basis output)
Pixel density
200dpi
Valid scanning
pixel
1574 pixel
(No. 2-1575 pixel)
Total pixel: 1632 pixels
Number of valid pixels
White-basis
output pixel
16 pixel min
(No. 1617-1632 pixel)
Minimum number of pixels at
maximum tolerance.
Storing time
250
µs/line
Feed speed
Output clock frequency
7.0MHz
Maximum 7.5 MHz
4.
Configuration
The configuration of this contact type image sensor is shown in the table below.
Item
Configuration
Remarks
Optical system
Rod lens array
Angular aperture: 20 degrees
Blue
λ = 470nm)
(LED1,LED0)=(1,0)
Green
λ = 525nm)
(LED1,LED0)=(0,1)
Red
λ = 655nm)
(LED1,LED0)=(0,0)
Light source
LED light source
Infra-red (
λ = 940nm)
(LED1,LED0)=(1,1)
For sensor drive
5V
× (0.5A)
TBD
Blue
45mAmax.
Green
45mAmax.
Red
35mAmax.
Power supply
For LED
Infrared
50mAmax.
at LED On duty 1/4
Data output mode
8-bit width digital output
TTL output
Digital signal
processing
Black output correction by sensitiveness (pixel unit)
White output correction by sensitiveness (pixel unit)
Gain adjustment (PGA)
PGA:Programmable Gain Amp.
Block diagram
Fig.1
Timing diagram
Fig.2
Outline drawing
Fig.4


同様の部品番号 - UA2B200AX

メーカー部品番号データシート部品情報
logo
NEC
UA2 NEC-UA2 Datasheet
926Kb / 7P
   Miniature Relays
UA2 NEC-UA2 Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
Kemet Corporation
UA2 KEMET-UA2 Datasheet
1Mb / 17P
   Electronic switching systems
UA2-12SNE-L KEMET-UA2-12SNE-L Datasheet
1Mb / 17P
   Electronic switching systems
UA2-12SNEN-L KEMET-UA2-12SNEN-L Datasheet
1Mb / 17P
   Electronic switching systems
More results

同様の説明 - UA2B200AX

メーカー部品番号データシート部品情報
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
   Contact Image Sensor
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
AMIS-722402 AMI-AMIS-722402 Datasheet
740Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com