データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2219A データシート(PDF) 2 Page - Microsemi Corporation

部品番号 2N2219A
部品情報  NPN SWITCHING SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2219A データシート(HTML) 2 Page - Microsemi Corporation

  2N2219A Datasheet HTML 1Page - Microsemi Corporation 2N2219A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2218; A; AL; 2N2219; A; AL JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Collector-Base Cutoff Current
VCB = 50 Vdc
2N2218; 2N2219
VCB = 60 Vdc
2N2218A; L; 2N2219A; L
VCB = 60 Vdc
2N2218; 2N2219
VCB = 75 Vdc
2N2218A; L, 2N2219A; L
ICBO
10
10
10
10
ηAdc
µAdc
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio
IC = 0.1 mAdc, VCE = 10Vdc
2N2218
2N2219
2N2218A; 2N2218AL
2N2219A; 2N2219AL
IC = 1.0 mAdc, VCE = 10 Vdc
2N2218
2N2219
2N2218A; 2N2218AL
2N2219A; 2N2219AL
IC = 10 mAdc, VCE = 10 Vdc
2N2218
2N2219
2N2218A; 2N2218AL
2N2219A; 2N2219AL
IC = 150 mAdc, VCE = 10 Vdc
2N2218; A; 2N2218AL
2N2219; A; 2N2219AL
IC = 500 mAdc, VCE =10 Vdc
2N2218; A; 2N2218AL
2N2219; A; 2N2219AL
hFE
20
35
30
50
25
50
35
75
35
75
40
100
40
100
20
30
150
325
150
325
120
300
Collector-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
2N2218; 2N2219
2N2218A; L; 2N2219A; L
IC = 500 mAdc, IB = 50 mAdc
2N2218; 2N2219
2N2218; L; 2N2219A; L
VCE(sat)
0.4
0.3
1.6
1.0
Vdc
Base-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
2N2218; 2N2219
2N2218A; L, 2N2219A, L
IC = 500 mAdc, IB = 50 mAdc
2N2218; 2N2219
2N2218A; L; 2N2219A; L
VBE(sat)
0.6
0.6
1.3
1.2
2.6
2.0
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Small-Signal Forward Current Transfer Ratio
IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz
h
fe
2.5
12
Small-Signal Forward Current Transfer Ratio
IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz
2N2218
2N2219
2N2218A, L
2N2219A, L
hfe
25
50
35
75
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
8.0
pF
Input Capacitance
VEB = 0.5 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
25
pF
SWITCHING CHARACTERISTICS
VCC = 30 Vdc; IC = 150 mAdc; IB1= 15 mAdc
Turn-On Time
2N2218, 2N2219
(See Figure 3 of MIL-PRF-19500/251)
2N2218A, L, 2N2219A, L
ton
40
35
ηs
Turn-Off Time
2N2218, 2N2219
(See Figure 4 of MIL-PRF-19500/251)
2N2218A, L, 2N2219A, L
toff
250
300
ηs
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


同様の部品番号 - 2N2219A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
2N2219A PHILIPS-2N2219A Datasheet
55Kb / 8P
   NPN switching transistors
1997 Sep 03
logo
Seme LAB
2N2219A SEME-LAB-2N2219A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
TT Electronics.
2N2219A TTELEC-2N2219A Datasheet
247Kb / 3P
   SILICON SWITCHING NPN TRANSISTOR
logo
STMicroelectronics
2N2219A STMICROELECTRONICS-2N2219A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
logo
Micro Commercial Compon...
2N2219A MCC-2N2219A Datasheet
332Kb / 10P
   SMALL SIGNAL BIPOLAR NPN SILICON
More results

同様の説明 - 2N2219A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com