データシートサーチシステム |
|
DM74S09 データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
DM74S09 データシート(HTML) 1 Page - National Semiconductor (TI) |
1 / 4 page TLF6465 June 1989 DM74S09 Quad 2-Input AND Gates with Open-Collector Outputs General Description This device contains four independent gates each of which performs the logic AND function The open-collector out- puts require an external pull-up resistor for proper logical operation Pull-Up Resistor Equations RMAX e VCC (Min) b VOH N1 (IOH) a N2 (IIH) RMIN e VCC (Max) b VOL IOL b N3 (IIL) Where N1 (IOH) e total maximum output high current for all outputs tied to pull-up resistor N2 (IIH) e total maximum input high current for all inputs tied to pull-up resistor N3 (IIL) e total maximum input low current for all inputs tied to pull-up resistor Connection Diagram Dual-In-Line Package TLF6465 – 1 Order Number DM74S09N See NS Package Number N14A Function Table Y e AB Inputs Output AB Y LL L LH L HL L HH H H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
同様の部品番号 - DM74S09 |
|
同様の説明 - DM74S09 |