データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC101S051 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 ADC101S051
部品情報  Single Channel, 500 kSPS, 8-Bit A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S051 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC101S051 Datasheet HTML 5Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 6Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 7Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 8Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 9Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 10Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 11Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 12Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Applications Information (Continued)
3.0 ADC081S051 TRANSFER FUNCTION
The output format of the ADC081S051 is straight binary. Code transitions occur midway between successive integer LSB values.
The LSB width for the ADC081S051 is V
A/256. The ideal transfer characteristic is shown in Figure 5. The transition from an output
code of 0000 0000 to a code of 0000 0001 is at 1/2 LSB, or a voltage of V
A/512. Other code transitions occur at steps of one LSB.
4.0 TYPICAL APPLICATION CIRCUIT
A typical application of the ADC081S051 is shown in Figure
6. Power is provided in this example by the National Semi-
conductor LP2950 low-dropout voltage regulator, available in
a variety of fixed and adjustable output voltages. The power
supply pin is bypassed with a capacitor network located
close to the ADC081S051. Because the reference for the
ADC081S051 is the supply voltage, any noise on the supply
will degrade device noise performance. To keep noise off the
supply, use a dedicated linear regulator for this device, or
provide sufficient decoupling from other circuitry to keep
noise off the ADC081S051 supply pin. Because of the
ADC081S051’s low power requirements, it is also possible to
use a precision reference as a power supply to maximize
performance. The four-wire interface is also shown con-
nected to a microprocessor or DSP.
20145511
FIGURE 5. Ideal Transfer Characteristic
20145513
FIGURE 6. Typical Application Circuit
www.national.com
10


同様の部品番号 - ADC101S051

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051 TI-ADC101S051 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
More results

同様の説明 - ADC101S051

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com