データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA12376 データシート(PDF) 7 Page - Ledil, Inc.

部品番号 CA12376
部品情報  ~20째 smooth spot beam. Assembly with holder and installation tape.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12376 データシート(HTML) 7 Page - Ledil, Inc.

  CA12376_18 Datasheet HTML 1Page - Ledil, Inc. CA12376_18 Datasheet HTML 2Page - Ledil, Inc. CA12376_18 Datasheet HTML 3Page - Ledil, Inc. CA12376_18 Datasheet HTML 4Page - Ledil, Inc. CA12376_18 Datasheet HTML 5Page - Ledil, Inc. CA12376_18 Datasheet HTML 6Page - Ledil, Inc. CA12376_18 Datasheet HTML 7Page - Ledil, Inc. CA12376_18 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PRODUCT
DATASHEET
CA12376_TINA2-SS
PHOTOMETRIC DATA (SIMULATED):
LED
Oslon Square Flat
FWHM
27.0°
Efficiency
90 %
Peak intensity
3.850 cd/lm
Required components:
LED
Oslon SSL 80
FWHM
26.0°
Efficiency
91 %
Peak intensity
3.920 cd/lm
Required components:
LED
SFH 4715S
FWHM
23.0°
Efficiency
92 %
Peak intensity
6.860 cd/lm
Required components:
LED
SFH 4770S
FWHM
24.0°
Efficiency
86 %
Peak intensity
4.100 cd/lm
Required components:
Last update: 17/05/2018
Subject to change without prior notice
7/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


同様の部品番号 - CA12376_18

メーカー部品番号データシート部品情報
logo
Cree, Inc
CA12376 CREE-CA12376 Datasheet
883Kb / 15P
   Tina series
More results

同様の説明 - CA12376_18

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
   ~20째 spot beam. Assembly with installation tape.
FCA15007 LEDIL-FCA15007_18 Datasheet
4Mb / 4P
   ~14째 smooth spot beam. Assembly with black holder and installation tape.
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
   ~30째 spot beam beam. Assembly with holder and installation tape.
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
   ~13째 spot beam. Assembly with holder and installation tape.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
   ~14째 spot beam. Assembly with holder and installation tape.
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
   ~35째 spot beam with holder and installation tape
CX15577 LEDIL-CX15577 Datasheet
7Mb / 8P
   ~9째 spot beam with holder and installation tape
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
   ~25째 spot beam with holder and installation tape
CA16206 LEDIL-CA16206 Datasheet
10Mb / 9P
   ~6째 real spot beam. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com