データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA10298 データシート(PDF) 1 Page - Ledil, Inc.

部品番号 CA10298
部品情報  ~25째 medium beam. 16.2 mm high assembly with installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10298 データシート(HTML) 1 Page - Ledil, Inc.

  CA10298 Datasheet HTML 1Page - Ledil, Inc. CA10298 Datasheet HTML 2Page - Ledil, Inc. CA10298 Datasheet HTML 3Page - Ledil, Inc. CA10298 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10298_SPUTNIK-R5
SPUTNIK-R5
~25° medium beam. 16.2 mm high assembly
with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 26 mm
Height
16.2 mm
Fastening
tape
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
1001 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
SPUTNIK-R5
Lens
PMMA
clear
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 12/01/2016
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


同様の部品番号 - CA10298

メーカー部品番号データシート部品情報
logo
Altech corporation
CA102 ALTECH-CA102 Datasheet
71Kb / 1P
   CASP is a DIN Rail mountable spacer generally used for circuit separation
logo
American Accurate Compo...
CA1020N1610 AAC-CA1020N1610 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
CA1020N3214 AAC-CA1020N3214 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
Tyco Electronics
CA1021 MACOM-CA1021 Datasheet
371Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results

同様の説明 - CA10298

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA10249 LEDIL-CA10249 Datasheet
2Mb / 4P
   ~25째 medium beam. 16.7 mm high assembly with installation tape.
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
   ~25째 medium beam. Assembly with location pins and installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
   ~25째 wide beam. Assembly with installation tape.
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
   ~25째 spot beam. Assembly with installation tape.
FCA15008 LEDIL-FCA15008_18 Datasheet
7Mb / 4P
   ~25째 medium beam. Assembly with black holder and installation tape.
CA10252 LEDIL-CA10252_18 Datasheet
2Mb / 4P
   ~25째 medium beam. Assembly with tape.
FA11062 LEDIL-FA11062 Datasheet
4Mb / 4P
   ~25째 medium beam optimized for Samsung Sunnix5. 14.6 mm high assembly with installation tape.
FA10697 LEDIL-FA10697 Datasheet
3Mb / 4P
   ~25째 medium beam optimized for Nichia NS6x83. 13.3 mm high assembly with installation tape.
CX15818 LEDIL-CX15818 Datasheet
3Mb / 5P
   ~25째 medium beam with holder and installation tape
CA12264 LEDIL-CA12264 Datasheet
2Mb / 4P
   ~25째 medium beam optimized for LUXEON Rebel. 14.4 mm high assembly with installation tape.
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com