データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA10322 データシート(PDF) 4 Page - Ledil, Inc.

部品番号 CA10322
部品情報  ~35째 8째 oval beam. Assembly with installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10322 データシート(HTML) 4 Page - Ledil, Inc.

  CA10322 Datasheet HTML 1Page - Ledil, Inc. CA10322 Datasheet HTML 2Page - Ledil, Inc. CA10322 Datasheet HTML 3Page - Ledil, Inc. CA10322 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRODUCT
DATASHEET
CA10322_SPUTNIK-Z-O
GENERAL INFORMATION:
NOTE: The typical beam angle will be changed by different color, chip size
and chip position tolerance. The typical total beam angle is the full angle
measured where the luminous intensity is half of the peak value.
MATERIALS:
As part of our continuous research and improvement processes, and to ensure
the best possible quality and availability of our products, LEDiL reserves the
right to change material grades without notice.
PRODUCT DATA USER AGREEMENT AND DISCLAIMER:
The measured data in the provided downloadable LEDiL Product Datasheets
and Mechanical 2D-Drawings is rounded and provided as reference for
planning. LEDiL Oy's optical specifications have been verified by conducting
performance testing of the products in accordance with the company's quality
system. The reported data are averaged results of multiple measurements with
typical variation. LEDiL Oy reserves the right to without prior notification make
changes and improvements to its products.
LEDiL Oy assumes neither warranty, nor guarantee nor any other liability of
any kind for the contents and correctness of the provided data. The provided
data has been generated with highest diligence but the provided data may in
reality not represent the complete possible variation range of all intrinsic
parameters. Therefore, in certain cases a deviation from the provided data
could occur.
LEDiL Oy reserves the right to undertake technical changes of its products
without further notification which could lead to changes in the provided data.
LEDiL Oy assumes no liability of any kind for the possible deviation from any
provided data or any other damage resulting from the usage of the provided
data.
The user agrees to this disclaimer and user agreement with the download or
usage of the provided files.
LEDiL Oy
Joensuunkatu 13
FI-24240 SALO
Finland
LEDiL Inc.
228 West Page Street
Suite D
Sycamore IL 60178
USA
Local sales and technical
support
www.ledil.com/
where_to_buy
Shipping locations
Salo, Finland
Hong Kong, China
Distribution Partners
www.ledil.com/
where_to_buy
Last update: 16/05/2018
Subject to change without prior notice
4/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


同様の部品番号 - CA10322

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA10321 LEDIL-CA10321 Datasheet
2Mb / 4P
   ~9째 smooth spot beam
More results

同様の説明 - CA10322

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA10319 LEDIL-CA10319_18 Datasheet
3Mb / 5P
   ~35째 8째 oval beam. Assembly with tape.
CA11240 LEDIL-CA11240_18 Datasheet
2Mb / 4P
   ~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
CA10563 LEDIL-CA10563 Datasheet
2Mb / 4P
   25 x 25 mm lens with ~90째 x 8째 oval beam. Assembly with installation tape.
FCA12265 LEDIL-FCA12265 Datasheet
2Mb / 4P
   ~35째 wide beam. 14.6 mm high assembly with installation tape.
CA14942 LEDIL-CA14942 Datasheet
5Mb / 5P
   ~35째 wide beam. Assembly with location pins and installation tape.
CA12379 LEDIL-CA12379_18 Datasheet
5Mb / 11P
   ~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12404 LEDIL-CA12404_18 Datasheet
3Mb / 4P
   ~35째 15째 oval beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
   Oval beam for area lighting. Assembly with installation tape.
FA11203 LEDIL-FA11203_18 Datasheet
3Mb / 6P
   ~35째 x 15째 oval beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
CA13057 LEDIL-CA13057 Datasheet
3Mb / 8P
   ~100째 x 20째 oval beam. Assembly with installation tape
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com