データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA12126 データシート(PDF) 1 Page - Ledil, Inc.

部品番号 CA12126
部品情報  ~30째 medium beam optimized for Nichia NS6x83. Assembly with black holder.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12126 データシート(HTML) 1 Page - Ledil, Inc.

  CA12126 Datasheet HTML 1Page - Ledil, Inc. CA12126 Datasheet HTML 2Page - Ledil, Inc. CA12126 Datasheet HTML 3Page - Ledil, Inc. CA12126 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA12126_NIS83-2-M
NIS83-2-M
~30° medium beam optimized for Nichia NS6x83.
Assembly with black holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13.5 mm
Fastening
tape
Colour
black
Box size
451 x 254 x 152 mm
Box weight
0 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE2-M
Lens
PMMA
clear
ROSE-HLD-083-BLK
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


同様の部品番号 - CA12126

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA1212 MACOM-CA1212 Datasheet
386Kb / 2P
   Cascadable Amplifier 100 to 1200 MHz
logo
M/A-COM Technology Solu...
CA1212 MA-COM-CA1212 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 1200 MHz
CA1212 MA-COM-CA1212 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
logo
Ledil, Inc.
CA12122 LEDIL-CA12122 Datasheet
4Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA12123 LEDIL-CA12123 Datasheet
4Mb / 4P
   ~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with black holder.
More results

同様の説明 - CA12126

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA11839 LEDIL-CA11839_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder.
CA11174 LEDIL-CA11174_18 Datasheet
3Mb / 6P
   ~30째 medium beam optimized for Nichia NS6x83.
FA10647 LEDIL-FA10647_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Nichia NS6x83.
FA10339 LEDIL-FA10339_18 Datasheet
2Mb / 5P
   ~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA11235 LEDIL-FA11235 Datasheet
6Mb / 4P
   ~30째 medium beam optimized for Nichia NS9x153. Assembly with black holder.
FA11540 LEDIL-FA11540 Datasheet
2Mb / 4P
   ~25째 medium beam optimized for Nichia NS6x83. Assembly with white holder.
CA10592 LEDIL-CA10592 Datasheet
1Mb / 4P
   ~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
FCA10937 LEDIL-FCA10937 Datasheet
1Mb / 3P
   ~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
FA10736 LEDIL-FA10736_18 Datasheet
2Mb / 4P
   ~30째 medium beam designed for Nichia NS6x83.
CA12124 LEDIL-CA12124 Datasheet
4Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with black holder.
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com