データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-563K データシート(PDF) 10 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-563K
部品情報  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-563K データシート(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-563K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
GND
VCC
IF
5 V
VO
D.U.T.
Rm
INPUT
MONITORING
NODE
PULSE
GENERATOR
ZO = 50 Ω
tH = 5 ns
CL*
RL
* CLINCLUDES PROBE AND STRAY WIRING CAPACITANCE.
VO
0.01 µF
BYPASS
Figure 4. Test Circuit for tPHL and tPLH.*
VFF
GND
VCC
II
VCM
510
+5 V
OUTPUT VO
MONITORING
NODE
+–
PULSE GEN.
A
B
D.U.T.
0.01 µF
BYPASS
Figure 7. Test Circuit for Common Mode Transient Immunity
and Typical Waveforms.
Figure 6. Propagation Delay vs.
Temperature.
Figure 5. Propagation Delay, tPHL and
tPLH vs. Pulse Input Current, IFH
.


同様の部品番号 - HCPL-563K

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results

同様の説明 - HCPL-563K

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com