データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-563K データシート(PDF) 11 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-563K
部品情報  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-563K データシート(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-563K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-563K Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
GND
VCC
+5 V
D.U.T.
IF = 13 mA
PULSE
GENERATOR
ZO = 50 Ω
tr = 5 ns
CL*
RL
* CL INCLUDES PROBE AND
STRAY WIRING CAPACITANCE.
VE
VOUT
OUTPUT VE
MONITORING
NODE
OUTPUT VO
MONITORING
NODE
0.01 µF
BYPASS
GND
VCC
D.U.T.*
TA = +125 °C
* ALL CHANNELS TESTED SIMULTANEOUSLY.
VOC
CONDITIONS: IF = 20 mA
VCC
VIN
+–
(EACH OUTPUT)
(EACH INPUT)
IO = 25 mA
0.01 µF
200
5.3 V
(EACH OUTPUT)
+5.5 V
+5.5 V
200
Figure 10. Operating Circuit for Burn-In and Steady State Life Tests.
Figure 8. Test Circuit for tEHL and tELH.
Figure 9. Enable Propagation Delay
vs. Temperature.


同様の部品番号 - HCPL-563K

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results

同様の説明 - HCPL-563K

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com