データシートサーチシステム |
|
74HC137 データシート(PDF) 9 Page - NXP Semiconductors |
|
74HC137 データシート(HTML) 9 Page - NXP Semiconductors |
9 / 19 page 9397 750 13804 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Product data sheet Rev. 03 — 11 November 2004 9 of 19 Philips Semiconductors 74HC137 3-to-8 line decoder, demultiplexer with address latches; inverting 11. Dynamic characteristics Table 8: Dynamic characteristics GND = 0 V; tr =tf = 6 ns; CL = 50 pF. Symbol Parameter Conditions Min Typ Max Unit Tamb = 25 °C tPHL, tPLH propagation delay An to Yn see Figure 6 VCC = 2.0 V - 58 180 ns VCC = 4.5 V - 21 36 ns VCC = 6.0 V - 17 31 ns VCC = 5.0 V; CL =15pF - 18 - ns propagation delay LE to Yn see Figure 7 VCC = 2.0 V - 55 190 ns VCC = 4.5 V - 20 38 ns VCC = 6.0 V - 16 32 ns VCC = 5.0 V; CL =15pF - 17 - ns propagation delay E1 to Yn see Figure 7 VCC = 2.0 V - 50 145 ns VCC = 4.5 V - 18 29 ns VCC = 6.0 V - 14 25 ns VCC = 5.0 V; CL =15pF - 15 - ns propagation delay E2 to Yn see Figure 6 VCC = 2.0 V - 50 145 ns VCC = 4.5 V - 18 29 ns VCC = 6.0 V - 14 25 ns VCC = 5.0 V; CL =15pF - 15 - ns tTHL, tTLH output transition time see Figure 6 VCC = 2.0 V - 19 75 ns VCC = 4.5 V - 7 15 ns VCC = 6.0 V - 6 13 ns tW LE pulse width HIGH see Figure 8 VCC = 2.0 V 50 11 - ns VCC = 4.5 V 10 4 - ns VCC = 6.0 V 9 3 - ns tsu set-up time An to LE see Figure 8 VCC = 2.0 V 50 3 - ns VCC = 4.5 V 10 1 - ns VCC = 6.0 V 9 1 - ns th hold time An to LE see Figure 8 VCC = 2.0 V 30 3 - ns VCC = 4.5 V 6 1 - ns VCC = 6.0 V 5 1 - ns CPD power dissipation capacitance VI = GND to VCC [1] -57 - pF |
同様の部品番号 - 74HC137 |
|
同様の説明 - 74HC137 |