データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA12474 データシート(PDF) 3 Page - Ledil, Inc.

部品番号 CA12474
部品情報  ~75째 135째 wide area beam. Assembly with installation tape.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12474 データシート(HTML) 3 Page - Ledil, Inc.

  CA12474 Datasheet HTML 1Page - Ledil, Inc. CA12474 Datasheet HTML 2Page - Ledil, Inc. CA12474 Datasheet HTML 3Page - Ledil, Inc. CA12474 Datasheet HTML 4Page - Ledil, Inc. CA12474 Datasheet HTML 5Page - Ledil, Inc. CA12474 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT
DATASHEET
CA12474_SIRI-A
PHOTOMETRIC DATA (MEASURED):
LED
XP-G2
FWHM
142.0°
Efficiency
94 %
Peak intensity
0.300 cd/lm
Required components:
LED
XT-E
FWHM
74.0 + 137.0°
Efficiency
95 %
Peak intensity
0.300 cd/lm
Required components:
LED
LUXEON R
FWHM
75.0 + 134.0°
Efficiency
95 %
Peak intensity
0.400 cd/lm
Required components:
LED
NVSxx19A
FWHM
58.0 + 132.0°
Efficiency
95 %
Peak intensity
0.330 cd/lm
Required components:
Last update: 15/05/2018
Subject to change without prior notice
3/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


同様の部品番号 - CA12474

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Cree, Inc
CA12400 CREE-CA12400 Datasheet
123Kb / 3P
   Tina series
logo
Ledil, Inc.
CA12400 LEDIL-CA12400 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA12400 LEDIL-CA12400_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
logo
Cree, Inc
CA12401 CREE-CA12401 Datasheet
66Kb / 2P
   Tina series
More results

同様の説明 - CA12474

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
C12473 LEDIL-C12473 Datasheet
1Mb / 5P
   ~75째 135째 wide area beam
CA11519 LEDIL-CA11519 Datasheet
2Mb / 5P
   ~170째 wide area beam. Assembly with installation tape.
CA12396 LEDIL-CA12396 Datasheet
1Mb / 4P
   ~90째 170째 wide area beam. Assembly with installation tape.
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
   ~85째 wide beam. Assembly with installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
   ~25째 wide beam. Assembly with installation tape.
CA10241 LEDIL-CA10241 Datasheet
2Mb / 4P
   ~65째 wide beam. Assembly with installation tape.
CA13747 LEDIL-CA13747 Datasheet
1Mb / 5P
   ~165째 wide beam. Assembly with installation tape.
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
   Oval beam for area lighting. Assembly with installation tape.
CA15027 LEDIL-CA15027 Datasheet
1Mb / 4P
   ~70째 very wide beam. Assembly with installation tape.
FA11948 LEDIL-FA11948 Datasheet
2Mb / 7P
   ~90째 160째 wide beam. Assembly with installation tape.
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com