データシートサーチシステム |
|
AM49DL640BG35IT データシート(PDF) 10 Page - SPANSION |
|
AM49DL640BG35IT データシート(HTML) 10 Page - SPANSION |
10 / 62 page March 8, 2002 Am49DL640BG 9 PR E L I M I N A R Y ORDERING INFORMATION The order number (Valid Combination) is formed by the following: Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly re- leased combinations. Am49DL640 B G 70 I T TAPE AND REEL T = 7 inches S = 13 inches TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) SPEED OPTION See “Product Selector Guide” on page 5. PROCESS TECHNOLOGY G = 0.17 µm PSEUDO SRAM DEVICE DENSITY B = 32 Mbits AMD DEVICE NUMBER/DESCRIPTION Am49DL640BG Stacked Multi-Chip Package (MCP) Flash Memory and SRAM Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) Pseudo Static RAM with Page Mode Valid Combinations Order Number Package Marking Am49DL640BG70I T, S M490000000 Am49DL640BG85I T, S M490000001 |
同様の部品番号 - AM49DL640BG35IT |
|
同様の説明 - AM49DL640BG35IT |