データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SZNUD3105DMT1G データシート(PDF) 1 Page - ON Semiconductor

部品番号 SZNUD3105DMT1G
部品情報  Integrated Relay, Inductive Load Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUD3105DMT1G データシート(HTML) 1 Page - ON Semiconductor

  SZNUD3105DMT1G Datasheet HTML 1Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 2Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 3Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 4Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 5Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 6Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 7Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 8Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2002
October, 2016 − Rev. 12
1
Publication Order Number:
NUD3105/D
NUD3105
Integrated Relay,
Inductive Load Driver
This device is used to switch inductive loads such as relays,
solenoids incandescent lamps , and small DC motors without the need
of a free−wheeling diode. The device integrates all necessary items
such as the MOSFET switch, ESD protection, and Zener clamps. It
accepts logic level inputs thus allowing it to be driven by a large
variety of devices including logic gates, inverters, and
microcontrollers.
Features
Provides a Robust Driver Interface Between DC Relay Coil and
Sensitive Logic Circuits
Optimized to Switch Relays from 3.0 V to 5.0 V Rail
Capable of Driving Relay Coils Rated up to 2.5 W at 5.0 V
Internal Zener Eliminates the Need of Free−Wheeling Diode
Internal Zener Clamp Routes Induced Current to Ground for Quieter
Systems Operation
Low VDS(on) Reduces System Current Drain
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These are Pb−Free Devices
Typical Applications
Telecom: Line Cards, Modems, Answering Machines, FAX
Computers and Office: Photocopiers, Printers, Desktop Computers
Consumer: TVs and VCRs, Stereo Receivers, CD Players, Cassette
Recorders
Industrial:Small Appliances, Security Systems, Automated Test
Equipment, Garage Door Openers
Automotive: 5.0 V Driven Relays, Motor Controls, Power Latches,
Lamp Drivers
Device
Package
Shipping
ORDERING INFORMATION
MARKING
DIAGRAMS
SOT−23
(TO−236)
CASE 318
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
RELAY/INDUCTIVE
LOAD DRIVER
0.5 AMPERE, 8.0 VOLT CLAMP
NUD3105LT1G
SOT−23
(Pb−Free)
www.onsemi.com
1
JW4 M G
G
JW4
= Device Code
M
= Date Code*
D
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
3000 / Tape &
Reel
SC−74
CASE 318F
STYLE 7
JW4 D G
G
NUD3105DMT1G
SOT−74
(Pb−Free)
3000 / Tape &
Reel
1
6
SZNUD3105DMT1G
SOT−74
(Pb−Free)
3000 / Tape &
Reel


同様の部品番号 - SZNUD3105DMT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SZNUD3105DMT1G ONSEMI-SZNUD3105DMT1G Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results

同様の説明 - SZNUD3105DMT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com