データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SZNUD3160DMT1G データシート(PDF) 1 Page - ON Semiconductor

部品番号 SZNUD3160DMT1G
部品情報  Industrial Inductive Load Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUD3160DMT1G データシート(HTML) 1 Page - ON Semiconductor

  SZNUD3160DMT1G Datasheet HTML 1Page - ON Semiconductor SZNUD3160DMT1G Datasheet HTML 2Page - ON Semiconductor SZNUD3160DMT1G Datasheet HTML 3Page - ON Semiconductor SZNUD3160DMT1G Datasheet HTML 4Page - ON Semiconductor SZNUD3160DMT1G Datasheet HTML 5Page - ON Semiconductor SZNUD3160DMT1G Datasheet HTML 6Page - ON Semiconductor SZNUD3160DMT1G Datasheet HTML 7Page - ON Semiconductor SZNUD3160DMT1G Datasheet HTML 8Page - ON Semiconductor SZNUD3160DMT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2003
October, 2016 − Rev. 7
1
Publication Order Number:
NUD3160/D
NUD3160, SZNUD3160
Industrial Inductive
Load Driver
This micro−integrated part provides a single component solution to
switch inductive loads such as relays, solenoids, and small DC motors
without the need of a free−wheeling diode. It accepts logic level
inputs, thus allowing it to be driven by a large variety of devices
including logic gates, inverters, and microcontrollers.
Features
Provides Robust Interface between D.C. Relay Coils and Sensitive
Logic
Capable of Driving Relay Coils Rated up to 150 mA at 12 V, 24 V
or 48 V
Replaces 3 or 4 Discrete Components for Lower Cost
Internal Zener Eliminates Need for Free−Wheeling Diode
Meets Load Dump and other Automotive Specs
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These are Pb−Free Devices
Typical Applications
Automotive and Industrial Environment
Drives Window, Latch, Door, and Antenna Relays
Benefits
Reduced PCB Space
Standardized Driver for Wide Range of Relays
Simplifies Circuit Design and PCB Layout
Compliance with Automotive Specifications
Gate (1)
10 k
100 k
Drain (3)
Source (2)
Figure 1. Internal Circuit Diagrams
Gate (2)
10 k
100 k
Drain (6)
Source (1)
Gate (5)
Drain (3)
Source (4)
10 k
100 k
CASE 318
CASE 318F
www.onsemi.com
MARKING DIAGRAMS
SOT−23
CASE 318
STYLE 21
JW8 MG
G
JW8 = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
SC−74
CASE 318F
STYLE 7
JW8 = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
JW8 MG
G
1
2
3
1
6
Device
Package
Shipping
ORDERING INFORMATION
NUD3160LT1G
SOT−23
(Pb−Free)
3000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NUD3160DMT1G
SC−74
(Pb−Free)
3000 / Tape &
Reel
SZNUD3160LT1G
SOT−23
(Pb−Free)
3000 / Tape &
Reel
SZNUD3160DMT1G
SC−74
(Pb−Free)
3000 / Tape &
Reel


同様の部品番号 - SZNUD3160DMT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SZNUD3160DMT1G ONSEMI-SZNUD3160DMT1G Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
More results

同様の説明 - SZNUD3160DMT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NUD3160 ONSEMI-NUD3160_V01 Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
NUD3160 ONSEMI-NUD3160 Datasheet
85Kb / 9P
   Industrial Inductive Load Driver
November, 2005 ??Rev. 2
NUD3124 ONSEMI-NUD3124_05 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124_16 Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
NUD3124 ONSEMI-NUD3124 Datasheet
80Kb / 10P
   Automotive Inductive Load Driver
June, 2004 ??Rev. 8
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com