データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA3903 データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 KA3903
部品情報  Power Window Motor Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3903 データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button KA3903 Datasheet HTML 5Page - Fairchild Semiconductor KA3903 Datasheet HTML 6Page - Fairchild Semiconductor KA3903 Datasheet HTML 7Page - Fairchild Semiconductor KA3903 Datasheet HTML 8Page - Fairchild Semiconductor KA3903 Datasheet HTML 9Page - Fairchild Semiconductor KA3903 Datasheet HTML 10Page - Fairchild Semiconductor KA3903 Datasheet HTML 11Page - Fairchild Semiconductor KA3903 Datasheet HTML 12Page - Fairchild Semiconductor KA3903 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FAN8903(KA3903)
9
Human Body Protection(HBP)
Using An End Switch
The human body protection is to be carried out when the over current protection signal is issued just while the
window glass
is up going and the end switch is closed, in the auto mode. The controller stop the window glass, and then reverses the rotating
direction of motor to move down the window at the bottom.
There are some cases in the window glass to be locked; its upper limit, bottom, and obstacle like human body, neck, and hand
etc. The OCP function would work in any cases. So it is necessary for the controller to discriminate whether something is
squeezed between the window glass and the window frame or not.
The end switch is opened only when the window glass reaches almost its upper limit.
Leave the F/C pin open unless you want this function.
Using Photo Devices (No Touch Sensor)
In case of using an end switch, the HBP function works on the condition that the over current signal is issued.
So it could have some sensitivity problem. It is very hard to decide what the optimal reference current and cancel time are.
We have tested new principle and as a result, developed one light based HBP function. The below figure explain the principle
of the operation.
As sender and receiver are arranged together, it is possible for the receiver to detect the sent diode light.
+
FAN8903
OP-amp
Vref
OCP
0.8V
C2
105
R3
47k
RS
10m
Vrs
MOTOR
+
6
7
Vro
2
V2
Rt
260k
NTC
A
Stall current
Vcom
Vref
Motor current
°C
+
WINDOW
FRAME
R4
10K
C3
103
COMP
VCC
Vref
End
switch
V1
5
FAN8903


同様の部品番号 - KA3903

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA3902 FAIRCHILD-KA3902 Datasheet
127Kb / 14P
   DC FAN Motor Controller
More results

同様の説明 - KA3903

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MCX304 ETC-MCX304 Datasheet
137Kb / 4P
   MOTOR CONTROL IC
logo
Guangdong Youtai Semico...
L9110S UMW-L9110S Datasheet
521Kb / 5P
   Motor control driver IC
logo
International Rectifier
IRMCK341 IRF-IRMCK341_15 Datasheet
642Kb / 36P
   Sensorless Motor Control IC
IRMCK371 IRF-IRMCK371_15 Datasheet
562Kb / 33P
   Sensorless Motor Control IC
IRMCK343 IRF-IRMCK343_15 Datasheet
659Kb / 35P
   Sensorless Motor Control IC
logo
Panasonic Semiconductor
AN8290S PANASONIC-AN8290S Datasheet
545Kb / 5P
   IC for Spindle Motor Control
logo
Renesas Technology Corp
RAJ306000GFT RENESAS-RAJ306000GFT Datasheet
1Mb / 26P
   General purpose Motor control IC
10-Oct/2017
RAJ306001 RENESAS-RAJ306001 Datasheet
640Kb / 27P
   General-Purpose Motor Control IC
Mar 24, 2021
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
   iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
logo
Fairchild Semiconductor
KA3050 FAIRCHILD-KA3050 Datasheet
199Kb / 22P
   Camera Motor Drive and Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com