データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1510-CQR データシート(PDF) 7 Page - Gennum Corporation

部品番号 GS1510-CQR
部品情報  HDTV Serial Digital Deformatter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1510-CQR データシート(HTML) 7 Page - Gennum Corporation

Back Button GS1510-CQR Datasheet HTML 3Page - Gennum Corporation GS1510-CQR Datasheet HTML 4Page - Gennum Corporation GS1510-CQR Datasheet HTML 5Page - Gennum Corporation GS1510-CQR Datasheet HTML 6Page - Gennum Corporation GS1510-CQR Datasheet HTML 7Page - Gennum Corporation GS1510-CQR Datasheet HTML 8Page - Gennum Corporation GS1510-CQR Datasheet HTML 9Page - Gennum Corporation GS1510-CQR Datasheet HTML 10Page - Gennum Corporation GS1510-CQR Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
GENNUM CORPORATION
522 - 47 - 00
7
DETAILED DESCRIPTION
1. DATA INPUT AND OUTPUTS
Data enters and exits the device on the rising edge of
PCLK_IN as shown in Figures 1 and 2. This data can be
scrambled or unscrambled and framed or unframed.
2. DESCRAMBLER AND FRAMER
Both the descrambler and framer can be enabled or
disabled independently of each other to allow the input to
remain
scrambled
or
unscrambled.
If
the
data
is
unscrambled, it can be word aligned (framed) or passed
through unaltered.
3. STANDARDS INDICATION
VD_STD[3:0] indicates the standard that the device has
detected. The states of VD_STD[3:0] are shown in the
following standards indication tables.
Note the following in the above tables:
SMPTE260M is 1125 lines/frame
SMPTE274M is 1125 lines/frame
SMPTE295M is 1250 lines/frame
SMPTE296M is 750 lines/frame
See Table 1 for more specific details on the source format
parameters.
67
EAV_ERR
Synchronous
wrt PCLK_IN
Output
Status signal output. Indicates a TRS error or a mismatch
between the embedded TRS and the flywheel TRS when the
flywheel is enabled. This signal is set high when an error in the
EAV TRS is detected or when the internal flywheel indicates
there is a mismatching EAV TRS. Refer to Fig. 3 for timing
information of EAV_ERR relative to LUMA (DATA_OUT[19:10])
and CHROMA (DATA_OUT [9:0]).
70
TEST
TEST
Test pin. Used for test purposes only. This pin must be
connected to GND for normal operation.
92, 96, 97, 98,
99,100,101
VDD
N/A
N/A
Must be connected to VDD for normal operation.
95, 102
GND
N/A
N/A
Must be connected to GND for normal operation.
103,104,105, 106,
107, 108, 111, 112,
113, 114, 117, 118,
119,120, 121, 122,
123, 124, 125, 126
DATA_IN [19:0]
Synchronous
wrt PCLK_IN
Input
Input data bus. DATA_IN [19] is the MSB of the signal (pin 103).
DATA_IN [0] is the LSB of the signal (pin 126).
This data is typically scrambled and not word aligned.
PIN DESCRIPTIONS
NUMBER
SYMBOL
TIMING
TYPE
DESCRIPTION
Interlaced Standards Indication
(VD_STD[3]=1)
VD_STD[3:0]
DESCRIPTION
1000
1080i (30 & 30/1.001Hz
→ D/E) [SMPTE274M]
1001
Reserved
1010
1080i (25Hz
→ F) [SMPTE274M]
1011
Reserved
1100
1080i (25Hz
→ C) [SMPTE295M]
1101
Reserved
1110
1035i (30 & 30/1.001Hz
→ A/B) [SMPTE260M]
1111
Unknown Interlaced with F switching 0/1
Progressive Scan Standards Indication
(VD_STD[3]=0)
VD_STD[3:0]
DESCRIPTION
0000
720p (60 & 60/1.001Hz
→ L/M) [SMPTE296M]
0001
Reserved
0010
1080p (30 & 30/1.001Hz
→ G/H)
[SMPTE274M]
0011
Reserved
0100
1080p (25Hz
→ I) [SMPTE274M]
0101
Reserved
0110
1080p (24 & 24/1.001Hz
→ J/K) [SMPTE274M]
0111
Unknown Progressive with F = 0 always.


同様の部品番号 - GS1510-CQR

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results

同様の説明 - GS1510-CQR

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com