データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1540 データシート(PDF) 3 Page - Gennum Corporation

部品番号 GS1540
部品情報  HDTV Serial Digital Non-Equalizing Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1540 データシート(HTML) 3 Page - Gennum Corporation

  GS1540 Datasheet HTML 1Page - Gennum Corporation GS1540 Datasheet HTML 2Page - Gennum Corporation GS1540 Datasheet HTML 3Page - Gennum Corporation GS1540 Datasheet HTML 4Page - Gennum Corporation GS1540 Datasheet HTML 5Page - Gennum Corporation GS1540 Datasheet HTML 6Page - Gennum Corporation GS1540 Datasheet HTML 7Page - Gennum Corporation GS1540 Datasheet HTML 8Page - Gennum Corporation GS1540 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GENNUM CORPORATION
522 - 27- 00
3
DC ELECTRICAL CHARACTERISTICS
VCC = 5V, VEE = 0V, TA = 0°C to 70°C, Data Rate = 1.485Gb/s.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
TEST LEVEL
Positive Supply Voltage
Operating range
VCC
4.75
5.00
5.25
V
1
Power Consumption
VCC = 5; TA = 25°cPD
-
1050
-
mW
5
Supply Current
VCC = 5; TA = 25°C
IS
-
210
-
mA
1
Output CM Voltage (SDO, SDO)
VCM
3.75
4.0
4.25
V
5
Input DC Voltage (DDI, DDI)-
4.0
-
V
1
Serial Inputs (DDI, DDI)
Differential mode
VSID
100
-
1000
mV
7
Common mode
VCM
2.5+VSID/2
-VCC-VSID/2
V7
High Level Input Voltage (BYPASS)VCC = 5, TA = 25°CVIH
2.0
-
-
V
1
Low Level Input Voltage (BYPASS)VCC = 5, TA = 25°CVIL
--
0.8
V
1
High Level Output Voltage
(D[19:0], PCLK)
VCC = 5, TA = 25°C,
ISOURCE = 1.0mA
VOH
2.4
-
3.0
V
1
Low Level Output Voltage
(D[19:0], PCLK)
VCC = 5, TA = 25°C,
ISINK = 1.0mA
VOL
--
0.4
V
1
High Level Output Voltage
(PLL_LOCK)
VCC = 5, TA = 25°C,
ISOURCE = 200µA
VOH
3.0
-
-
V
1
Low Level Output Voltage
(PLL_LOCK)
VCC = 5, TA = 25°C,
ISINK = 500µA
VOL
--
0.4
V
1
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated
test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
AC ELECTRICAL CHARACTERISTICS - RECLOCKER STAGE
VCC = 5V, TA = 0°C to 70°C unless otherwise shown.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
TEST
LEVEL
Serial Input –
Data Rate
SMPTE 292M
BRSDI
1.485/1.001
1.485
-
Gb/s
1
Serial Input –
Jitter Tolerance
Sinewave Modulation (p – p)
JTOL
-0.5
-
UI
1
Phase Lock Time -
Asynchronous
Loop bandwidth approximately
1.4MHz @ 0.2 UI input jitter
modulation (LBCONT floating).
TALOCK
-200
250
ms
7
Phase Lock Time -
Synchronous
Loop bandwidth approximately
1.4MHz @ 0.2 UI input jitter
modulation (LBCONT floating).
TSLOCK
-2
4
µs
7


同様の部品番号 - GS1540

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1540 GENNUM-GS1540 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540-CQR GENNUM-GS1540-CQR Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540-CQRE3 GENNUM-GS1540-CQRE3 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
More results

同様の説明 - GS1540

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com