データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MDA4-752H データシート(PDF) 4 Page - Mini-Circuits

部品番号 MDA4-752H
部品情報  Wideband Double Balanced Mixer-Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MDA4-752H データシート(HTML) 4 Page - Mini-Circuits

  MDA4-752H Datasheet HTML 1Page - Mini-Circuits MDA4-752H Datasheet HTML 2Page - Mini-Circuits MDA4-752H Datasheet HTML 3Page - Mini-Circuits MDA4-752H Datasheet HTML 4Page - Mini-Circuits MDA4-752H Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMIC Wideband Frequency Mixer-Amplifier
Page 4 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
MDA4-752H+
Figure 1. Block Diagram of Test Circuit used for characterization. (DUT soldered on Mini-Circuits Characterization test board TB-
771+). Conversion Loss, Isolations; L-R, L-I & R-I are measured using R&S ZVA 24 microwave network analyzer.
Input IP3 is measured Agilent MXA N9020A spectrum Analyzer and PSG E8257D Signal Generators.
NF is measured using Agilent’s N8975A NF Analyzer
Conditions (Down Converter):
1. Conversion Loss, Isolations (L-R, L-I & R-I): RF= -10 dBm, LO=0 dBm, IF=30 MHz
2. Output IP3 (OIP3): Two tones, spaced 1 MHz apart, -10 dBm/tone at output.
3. Noise Figure: LO=0 dBm
Characterization and Application Test Circuit
Component
Size
Value
Units
DUT
MDA4-752H+
L1
0402
4.7
nH
L2
0603
390
nH
L3
0402
36
nH
C1,C2
0402
3
pF
C3, C6
0402
.01
µF
C4,C7,C8,C10
0402
100
pF
C5,C9
0402
0.1
µF
Product Marking
MCL
MDA4
black body
model family designation
index


同様の部品番号 - MDA4-752H

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1 COOPER-MDA-1 Datasheet
109Kb / 2P
   MDA Series, Time Delay, Ceramic Tube
MDA-1-1/2-R COOPER-MDA-1-1/2-R Datasheet
280Kb / 2P
   1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
MDA-1-1/2-R EATON-MDA-1-1/2-R Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1-12 COOPER-MDA-1-12 Datasheet
109Kb / 2P
   MDA Series, Time Delay, Ceramic Tube
More results

同様の説明 - MDA4-752H

メーカー部品番号データシート部品情報
logo
Mini-Circuits
MDB-44H MINI-MDB-44H Datasheet
231Kb / 5P
   Wideband Double Balanced Mixer
MDB-54H MINI-MDB-54H Datasheet
400Kb / 5P
   Wideband Double Balanced Mixer
REV. OR
MDB-24H-D MINI-MDB-24H-D Datasheet
290Kb / 7P
   Wideband Double Balanced Mixer Die
MDB-73H-D MINI-MDB-73H-D Datasheet
386Kb / 7P
   Wideband Double Balanced Mixer Die
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com