データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MDA4-752H+ データシート(PDF) 3 Page - Mini-Circuits

部品番号 MDA4-752H+
部品情報  Wideband Double Balanced Mixer-Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MDA4-752H+ データシート(HTML) 3 Page - Mini-Circuits

  MDA4-752H+ Datasheet HTML 1Page - Mini-Circuits MDA4-752H+ Datasheet HTML 2Page - Mini-Circuits MDA4-752H+ Datasheet HTML 3Page - Mini-Circuits MDA4-752H+ Datasheet HTML 4Page - Mini-Circuits MDA4-752H+ Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMIC Wideband Frequency Mixer-Amplifier
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Absolute Maximum Ratings3
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Mixer
RF-IN
21 dBm
LO-IN
21 dBm
IF Current
30 mA
IF Amplifier - IN
+23 dBm (5 minutes max.)
+17 dBm (continuous)
LO Amplifier - IN
+24 dBm
Power Dissipation
LO Amplifier
0.725W
IF Amplifier
0.47W
DC voltable
5.5V
3. Permanent damage may occur if any of these limits are exceeded.
Electrical maximum ratings are not intended for continuous normal operation.
MDA4-752H+
(1) Measured on Mini-Circuits Characterization test board TB-771+ as down converter. See Characterization Test Circuit Figure 1
(2) Thermal Resistance= (Temperature rise of the dive hot spot above ground lead ÷ Total power dissipation)
Electrical Specifications1,2 at 25°C, unless noted
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
RF Frequency Range
2.2
7.5
GHz
LO Frequency Range
2.2
7.5
GHz
IF Frequency Range
0.03
1.6
GHz
LO Power
0
dBm
Conversion Gain (at IF=30 MHz)
2.2
7.6
dB
3.0
9.7
4.0
8.1
9.1
10.4
5.0
7.6
6.0
7.3
7.5
4.2
LO-RF Isolation
2.2
23
dB
3.0
20
4.0
24
31
5.0
25
6.0
21
7.5
23
LO-IF Isolation
2.2
19
dB
3.0
35
4.0
53
61
5.0
64
6.0
59
7.5
60
RF-IF Isolation
2.2
7
dB
3.0
25
4.0
51
5.0
65
6.0
57
7.5
54
Input at 1dB Compression
2-2 - 7.5
9
dBm
Input IP3
2.2
16
dBm
3.0
15
4.0
15
5.0
16
6.0
16
7.5
19
Noise Figure
2.3
8.6
dB
3.0
9.6
4.0
9.9
Thermal Resistance
(junction-to-ground lead)
39
°C/W
DC Voltage
5
V
DC Current
141
169
mA


同様の部品番号 - MDA4-752H+

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1 COOPER-MDA-1 Datasheet
109Kb / 2P
   MDA Series, Time Delay, Ceramic Tube
MDA-1-1/2-R COOPER-MDA-1-1/2-R Datasheet
280Kb / 2P
   1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
MDA-1-1/2-R EATON-MDA-1-1/2-R Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1-12 COOPER-MDA-1-12 Datasheet
109Kb / 2P
   MDA Series, Time Delay, Ceramic Tube
More results

同様の説明 - MDA4-752H+

メーカー部品番号データシート部品情報
logo
Mini-Circuits
MDB-44H MINI-MDB-44H Datasheet
231Kb / 5P
   Wideband Double Balanced Mixer
MDB-54H MINI-MDB-54H Datasheet
400Kb / 5P
   Wideband Double Balanced Mixer
REV. OR
MDB-24H-D MINI-MDB-24H-D Datasheet
290Kb / 7P
   Wideband Double Balanced Mixer Die
MDB-73H-D MINI-MDB-73H-D Datasheet
386Kb / 7P
   Wideband Double Balanced Mixer Die
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com