データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4651 データシート(PDF) 26 Page - Linear Technology

部品番号 LTM4651
部品情報  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM4651 データシート(HTML) 26 Page - Linear Technology

Back Button LTM4651 Datasheet HTML 22Page - Linear Technology LTM4651 Datasheet HTML 23Page - Linear Technology LTM4651 Datasheet HTML 24Page - Linear Technology LTM4651 Datasheet HTML 25Page - Linear Technology LTM4651 Datasheet HTML 26Page - Linear Technology LTM4651 Datasheet HTML 27Page - Linear Technology LTM4651 Datasheet HTML 28Page - Linear Technology LTM4651 Datasheet HTML 29Page - Linear Technology LTM4651 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LTM4651
26
4651f
For more information www.linear.com/LTM4651
Figure 20. 12V to –15V
Derating Curve, No Heat Sink
Figure 19. 5V to –15V
Derating Curve, No Heat Sink
Figure 21. 24V to –15V Derating
Curve, No Heat Sink
Figure 23. 12V to –15V Derating
Curve, with BGA Heat Sink
Figure 22. 5V to –15V Derating
Curve, with BGA Heat Sink
Figure 24. 24V to –15V Derating
Curve, with BGA Heat Sink
Figure 25. 5V to –24V Derating
Curve, No Heat Sink
Figure 26. 12V to –24V Derating
Curve, No Heat Sink
Figure 27. 24V to –24V Derating
Curve, No Heat Sink
APPLICATIONS INFORMATION—DERATING CURVES See Table 1 for fSW.
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.125
0.250
0.375
0.500
0.625
0.750
4651 F19
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
4651 F20
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
4651 F21
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.125
0.250
0.375
0.500
0.625
0.750
4651 F22
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
4651 F23
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
4651 F24
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
4651 F25
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.125
0.250
0.375
0.500
0.625
0.750
0.875
1.000
1.125
1.250
4651 F26
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
4651 F27


同様の部品番号 - LTM4651

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4651 LINER-LTM4651 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4651 AD-LTM4651 Datasheet
3Mb / 54P
   EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
More results

同様の説明 - LTM4651

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
   EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
   Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
   Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
logo
Analog Devices
LTM4655 AD-LTM4655 Datasheet
3Mb / 54P
   EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
   Triple Output, Low Voltage DC/DC 關Module Regulator
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
   72VIN, 6 Output DC/DC SEPIC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com