データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK5522 データシート(PDF) 58 Page - Asahi Kasei Microsystems

部品番号 AK5522
部品情報  Differential Input Stereo 32-bit ADC with Excellent PSRR
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5522 データシート(HTML) 58 Page - Asahi Kasei Microsystems

Back Button AK5522 Datasheet HTML 54Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 55Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 56Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 58Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 59Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 60Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 61Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 62Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
[AK5522]
017002311-E-00
2017/03
- 58 -
If PDPLLN bit=
”1” then the clock mode is PLL Master Mode or PLL Slave Mode. In these modes, the
operation mode is selected by PLL3-0 bits.
PLL Master Mode (Serial Control Mode)
Mode
PLL3
bit
PLL2
bit
PLL1
bit
PLL0
bit
Stereo
/TDM
Table 17
Ref.
Clock
MCLK
Freq.
I/O
BICK
Freq.
I/O
LRCK
Freq. (fs) I/O
PLL Lock
Time (max.)
4
0
1
0
0
Stereo
TDM256
TDM128
MCLK
11.2896MHz I
Table 18
O
Table 22
O
10ms
5
0
1
0
1
12.288MHz
I
O
O
6
0
1
1
0
12MHz
I
O
O
7
0
1
1
1
16MHz
I
O
O
8
1
0
0
0
24MHz
I
O
O
9
1
0
0
1
19.2MHz
I
O
O
10
1
0
1
0
13MHz
I
O
O
11
1
0
1
1
26MHz
I
O
O
12
1
1
0
0
13.5MHz
I
O
O
13
1
1
0
1
27MHz
I
O
O
Table 21. PLL Master Mode Setting (Serial Control Mode)
In PLL Master Mode, the sampling clock (LRCK) frequency is selected by FS3-0 bits. The bit clock
(BICK) frequency is selected by BCKO1-0 bits.
Mode
FS3 bit
FS2 bit
FS1 bit
FS0 bit
Symbol
Sampling Frequency
Mode (Note 22)
0
0
0
0
0
fsn
8 kHz
1
0
0
0
1
11.025 kHz
2
0
0
1
0
12 kHz
3
0
0
1
1
16 kHz
4
0
1
0
0
22.05 kHz
5
0
1
0
1
24 kHz
6
0
1
1
0
32 kHz
7
0
1
1
1
44.1 kHz
8
1
0
0
0
48 kHz
(default)
9
1
0
0
1
fsd
64 kHz
10
1
0
1
0
88.2 kHz
11
1
0
1
1
96 kHz
12
1
1
0
0
fsq
128 kHz
13
1
1
0
1
176.4 kHz
14
1
1
1
0
192 kHz
15
1
1
1
1
192 kHz
Table 22. Setting of Sampling Frequency at PDPLLN
bit = “1” (N/A: Not Available)
Note 22. In PLL master mode, the sampling frequency generated by PLL differs slightly from the
sampling frequency of mode name in some combinations of MCLK frequency (PLL3-0 bits)
and sampling frequency (FS3-0 bits). (Table 23, Table 24)


同様の部品番号 - AK5522

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
More results

同様の説明 - AK5522

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5397 AKM-AK5397 Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com