データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK5522 データシート(PDF) 9 Page - Asahi Kasei Microsystems

部品番号 AK5522
部品情報  Differential Input Stereo 32-bit ADC with Excellent PSRR
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5522 データシート(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK5522 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
[AK5522]
017002311-E-00
2017/03
- 9 -
Analog Power Supply=3.3V
(Ta=25
C; VA=3.3V; VD=3.3V, fs=48kHz, 96kHz, 192kHz, BICK=64fs; Signal Frequency=1kHz; 32-bit
Data; Measurement frequency=20Hz - 20kHz at fs=48kHz, 40Hz - 40kHz at fs=96kHz and 192kHz,
Gain=0dB, unless otherwise specified.)
Parameter
Min.
Typ.
Max.
Unit
Analog Input Characteristics:
Resolution
-
-
32
Bit
Input Voltage
(Note 8)
2.0
2.1
2.2
Vrms
S/(N+D)
fs=48kHz
BW=20kHz
1dBFS
20dBFS
60dBFS
87
-
-
93
83
43
-
-
-
dB
dB
dB
fs=96kHz
BW=40kHz
1dBFS
20dBFS
60dBFS
-
-
-
92
80
40
-
-
-
dB
dB
dB
fs=192kHz
BW=40kHz
1dBFS
20dBFS
60dBFS
-
-
-
92
80
40
-
-
-
dB
dB
dB
Dynamic Range
(
60dBFS with A-weighted) fs=48kHz, BW=20kHz
99
104
-
dB
Dynamic Range (
60dBFS) fs=96kHz, 192kHz, BW=40kHz
94
99
-
dB
S/N (A-weighted)
fs=48kHz, BW=20kHz
99
104
-
dB
S/N
fs=96kHz, 192kHz, BW=40kHz
94
99
-
dB
Input Resistance
Full Differential
Gain= +12dB
0dB
3dB
5
10
10
12.0
25.2
29.4
-
-
-
k
k
k
Pseudo Differential
Single End
Gain= +12dB
0dB
3dB
5
10
10
18.4
30.9
32.4
-
-
-
k
k
k
Interchannel Isolation
110
120
dB
Interchannel Gain Mismatch
-
0
0.5
dB
Power Supply Rejection Ratio
(Note 9)
-
80
-
dB
Common Mode Rejection Ratio (CMRR)
55
80
-
dB
VREF pin Output Voltage
2.34
2.47
2.60
V
Power Supplies
Power Supply Current
Normal Operation (
PDN pin = “H”)
(Note 10)
AVDD
DVDD
(fs=48kHz)
DVDD
(fs=96kHz)
DVDD
(fs=192kHz)
Power down mode (
PDN pin = “L”)
(Note 11)
AVDD+DVDD
-
-
-
-
-
11
4.7
8.1
7.6
0
16
8
13
12
10
mA
mA
mA
mA
A
Note 8. ADC full-scale input voltage at Gain=0dB. The signal input amplitude can
’t exceed 2.1Vrms (typ.)
even if the gain is from
3dB to 1dB.
Note 9. PSRR is applied to AVDD, DVDD with 20Hz - 20kHz sine wave.
Note 10. PLL Master mode. PLL3-0 bits =
“0101b”
Note 11. All digital inputs are fixed to DVDD or DVSS.


同様の部品番号 - AK5522

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
More results

同様の説明 - AK5522

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5397 AKM-AK5397 Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com