データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4676A データシート(PDF) 77 Page - Linear Technology

部品番号 LTM4676A
部品情報  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A データシート(HTML) 77 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 73Page - Linear Technology LTM4676A Datasheet HTML 74Page - Linear Technology LTM4676A Datasheet HTML 75Page - Linear Technology LTM4676A Datasheet HTML 76Page - Linear Technology LTM4676A Datasheet HTML 77Page - Linear Technology LTM4676A Datasheet HTML 78Page - Linear Technology LTM4676A Datasheet HTML 79Page - Linear Technology LTM4676A Datasheet HTML 80Page - Linear Technology LTM4676A Datasheet HTML 81Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 136 page
background image
LTM4676A
77
4676afa
For more information www.linear.com/LTM4676A
Typical applicaTions
CIN1
10µF
×4
CIN5
150µF
10k
×7
VIN
5.75V TO 16V
PWM CLOCK SYNCH.
TIME BASE SYNCH.
COUT(MLCC)
100µF
×10
COUT(BULK)
330µF
×10
VOUT, 1V
ADJUSTABLE
UP TO 100A
VOUT0
TSNS0a
TSNS0b
ISNS0a+
ISNS0b+
ISNS0a–
ISNS0b–
VOSNS0+
VOSNS0–
VINO
VIN1
SVIN
VDD33
LOAD
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
22.6k
1%
±50ppm/°C
U1
LTM4676A
+
SMBus INTERFACE WITH
PMBus COMMAND SET
U1: SLAVE ADDRESS = 1000000_R/W (0X40)
U2: SLAVE ADDRESS = 1000001_R/W (0X41)
U3: SLAVE ADDRESS = 1000010_R/W (0X42)
U4: SLAVE ADDRESS = 1000011_R/W (0X43)
350kHz SWITCHING FREQUENCY WITH
INTERLEAVING
NO GUI CONFIGURATION AND NO PART-SPECIFIC
PROGRAMMING REQUIRED
IN MULTI-MODULE SYSTEMS, CONFIGURING
RAIL_ADDRESS IS RECOMMENDED
ELECTRICALLY UNCONNECTED PINS
VORB0+, VORB0– AND VORB1 NOT SHOWN
SETTING MFR_PWM_CONFIG[7] = 1b CONFIGURES
THE VOUT1 CONTROL LOOP TO USE THE
VOSNS0+/VOSNS0– DIFFERENTIAL-SENSE PIN-PAIR
AS THE FEEDBACK SIGNAL FOR REGULATING VOUT1.
ON/OFF CONTROL, FAULT
MANAGEMENT, POWER
SEQUENCING
CIN2
10µF
×4
VOUT0
TSNS0a
TSNS0b
ISNS0a+
ISNS0b+
ISNS0a–
ISNS0b–
VOSNS0+
VOSNS0–
VINO
VIN1
SVIN
VDD33
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
1.65k
1%
±50ppm/°C
787
1%
±50ppm/°C
U2
LTM4676A
CIN3
10µF
×4
VOUT0
TSNS0a
TSNS0b
ISNS0a+
ISNS0b+
ISNS0a–
ISNS0b–
VOSNS0+
VOSNS0–
VINO
VIN1
SVIN
VDD33
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
3.24k
1%
±50ppm/°C
1.65k
1%
±50ppm/°C
U3
LTM4676A
CIN4
10µF
×4
VOUT0
TSNS0a
TSNS0b
ISNS0a+
ISNS0b+
ISNS0a–
ISNS0b–
VOSNS0+
VOSNS0–
VINO
VIN1
SVIN
VDD33
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
1.21k
1%
±50ppm/°C
4676A F39
CTHP
220pF
CTH
3.3nF
RTH
1.65k
U4
LTM4676A
VOUT1
TSNS1a
TSNS1b
ISNS1a+
ISNS1b+
ISNS1a–
ISNS1b–
VOSNS1
SGND
VOUT1
TSNS1a
TSNS1b
ISNS1a+
ISNS1b+
ISNS1a–
ISNS1b–
VOSNS1
SGND
VOUT1
TSNS1a
TSNS1b
ISNS1a+
ISNS1b+
ISNS1a–
ISNS1b–
VOSNS1
SGND
VOUT1
TSNS1a
TSNS1b
ISNS1a+
ISNS1b+
ISNS1a–
ISNS1b–
VOSNS1
SGND
Figure 39. Four Paralleled LTM4676A Producing 1VOUT at Up to 100A. Integrated Power System Management
Features Accessible Over 2-Wire I2C/SMBus/PMBus Serial Interface. Evaluated on DC1989B-C


同様の部品番号 - LTM4676A

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

同様の説明 - LTM4676A

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com