データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4676A データシート(PDF) 12 Page - Linear Technology

部品番号 LTM4676A
部品情報  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A データシート(HTML) 12 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 8Page - Linear Technology LTM4676A Datasheet HTML 9Page - Linear Technology LTM4676A Datasheet HTML 10Page - Linear Technology LTM4676A Datasheet HTML 11Page - Linear Technology LTM4676A Datasheet HTML 12Page - Linear Technology LTM4676A Datasheet HTML 13Page - Linear Technology LTM4676A Datasheet HTML 14Page - Linear Technology LTM4676A Datasheet HTML 15Page - Linear Technology LTM4676A Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
LTM4676A
12
4676afa
For more information www.linear.com/LTM4676A
Dual Phase Single Output Load
Transient Response,12VIN to 1VOUT
Single Phase Single Output Load
Transient Response,12VIN to 1VOUT
Dual Phase Single Output Load
Transient Response, 5VIN to 1VOUT
Dual Output Concurrent Rail
Start-Up/Shutdown
Dual Output Start-Up/Shutdown
with a Pre-Biased Load
Single Phase Single Output 
Short-Circuit Protection at No Load
Single Phase Single Output Load
Transient Response, 24VIN to 1VOUT
SinglePhaseSingleOutput Load
TransientResponse,
24VINto3.3VOUT
VOUT0
50mV/DIV
AC-COUPLED
IOUT
4A/DIV
40µs/DIV
FIGURE 69 CIRCUIT AT 12VIN
0A TO 10A LOAD STEP AT 10A/µs
4676A G08
VOUT
50mV/DIV
AC-COUPLED
IOUT
8A/DIV
40µs/DIV
FIGURE 35 CIRCUIT AT 5VIN,
VOUT_COMMANDn SET TO 1.000V.
0A TO 20A LOAD STEP AT 20A/µs
4676A G09
VOUT0
50mV/DIV
AC-COUPLED
IOUT
4A/DIV
40µs/DIV
FIGURE 69 CIRCUIT AT 24VIN
0A TO 10A LOAD STEP AT 10A/µs
4676A G10
VOUT
50mV/DIV
AC-COUPLED
IOUT
8A/DIV
40µs/DIV
FIGURE 35 CIRCUIT AT 12VIN, INTVCC PIN
OPEN CIRCUIT AND VOUT_COMMANDn SET
TO 1.000V. 0A TO 20A LOAD STEP AT 20A/µs
4676A G07
VOUT0
50mV/DIV
AC-COUPLED
IOUT
4A/DIV
40µs/DIV
FIGURE 69 CIRCUIT AT 24VIN, COUT0 = 5× 100µF
AND VOUT0 COMMANDED TO 3.300V.
0A TO 10A LOAD STEP AT 10A/µs
4676A G11
VOUT0, VOUT1
500mV/DIV
IOUT0
5A/DIV
RUN0, RUN1
5V/DIV
2ms/DIV
FIGURE 69 CIRCUIT AT 12VIN, 77m LOAD ON
VOUT0, NO LOAD ON VOUT1. TON_RISE0 = 3ms,
TON_RISE1 = 5.297ms, TOFF_DELAY1 = 0ms,
TOFF_DELAY0 = 2.43ms, TOFF_FALL1 = 5.328ms,
TOFF_FALL0 = 3ms, ON_OFF_CONFIGn = 0x1E
4676A G12
VOUT0, VOUT1
500mV/DIV
IDIODE
1mA/DIV
RUN0, RUN1
5V/DIV
2ms/DIV
FIGURE 69 CIRCUIT AT 12VIN, 77m LOAD ON
VOUT0, 500 ON VOUT1. VOUT1 PRE-BIASED
THROUGH A DIODE. TON_RISE0 = 3ms,
TON_RISE1 = 5.297ms, TOFF_DELAY1 = 0ms,
TOFF_DELAY0 = 2.43ms, TOFF_FALL1 = 5.328ms,
TOFF_FALL0 = 3ms, ON_OFF_CONFIG1 = 0x1F,
ON_OFF_CONFIG0 = 0x1E
4676A G13
VOUT0
200mV/DIV
IIN0
1A/DIV
10µs/DIV
FIGURE 69 CIRCUIT AT 12VIN,
NO LOAD ON VOUT0 PRIOR TO APPLICATION
OF SHORT CIRCUIT
4676A G14
VOUT0
200mV/DIV
IIN0
1A/DIV
10µs/DIV
FIGURE 69 CIRCUIT AT 12VIN,
77m LOAD ON VOUT0 PRIOR TO
APPLICATION OF SHORT CIRCUIT
4676A G15
Typical perForMance characTerisTics T
A = 25°C, 12VIN to 1VOUT, unless otherwise noted.
Single Phase Single Output Short-
Circuit Protection at Full Load


同様の部品番号 - LTM4676A

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

同様の説明 - LTM4676A

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com