データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM8050 データシート(PDF) 7 Page - Linear Technology

部品番号 LTM8050
部品情報  58V, 2A Step-Down 關Module Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM8050 データシート(HTML) 7 Page - Linear Technology

Back Button LTM8050 Datasheet HTML 3Page - Linear Technology LTM8050 Datasheet HTML 4Page - Linear Technology LTM8050 Datasheet HTML 5Page - Linear Technology LTM8050 Datasheet HTML 6Page - Linear Technology LTM8050 Datasheet HTML 7Page - Linear Technology LTM8050 Datasheet HTML 8Page - Linear Technology LTM8050 Datasheet HTML 9Page - Linear Technology LTM8050 Datasheet HTML 10Page - Linear Technology LTM8050 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM8050
7
8050fc
For more information www.linear.com/LTM8050
Operating conditions are per Table 1 and
TA = 25°C, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum VIN vs Output Current
3.3VOUT, BIAS = VOUT
Minimum VIN vs Output Current
5VOUT, BIAS = VOUT
Minimum VIN vs Output Current
8VOUT, BIAS = VOUT
Minimum VIN vs Output Current
12VOUT, BIAS = VOUT
Minimum VIN vs Output Current
18VOUT, BIAS = VOUT
Minimum VIN vs Output Current
24VOUT, BIAS = 5V
Minimum VIN vs Output Current
–3.3VOUT, BIAS = GND
Minimum VIN vs Output Current
–5VOUT, BIAS = GND
Minimum VIN vs Output Current
–8VOUT, BIAS = GND
3.0
6.0
4.5
4.0
5.5
5.0
3.5
0
0.5
1.0
1.5
2.0
8050 G28
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
7.05
7.55
7.10
7.15
7.20
7.25
7.30
7.35
7.40
7.45
7.50
0
0.5
1.0
1.5
2.0
8050 G29
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
7.5
12.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0
0.5
1.0
1.5
2.0
8050 G30
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
11
17
14
13
16
15
12
0
0.5
1.0
1.5
2.0
8050 G31
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
0
0.5
1.0
1.5
8050 G32
OUTPUT CURRENT (A)
19
26
25
24
23
22
21
20
25
35
26
27
28
29
30
31
32
33
34
0
0.5
1.0
1.5
8050 G33
OUTPUT CURRENT (A)
8050 G34
0
30
15
10
25
20
5
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
8050 G35
0
25
15
10
20
5
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
8050 G36
0
25
15
10
20
5
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN


同様の部品番号 - LTM8050

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM8050 LINER-LTM8050 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
More results

同様の説明 - LTM8050

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM8050 LINER-LTM8050_15 Datasheet
474Kb / 24P
   58V, 2A Step-Down Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com