データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM8055 データシート(PDF) 10 Page - Linear Technology

部品番号 LTM8055
部品情報  36VIN, 8.5A Buck-Boost 關Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM8055 データシート(HTML) 10 Page - Linear Technology

Back Button LTM8055 Datasheet HTML 6Page - Linear Technology LTM8055 Datasheet HTML 7Page - Linear Technology LTM8055 Datasheet HTML 8Page - Linear Technology LTM8055 Datasheet HTML 9Page - Linear Technology LTM8055 Datasheet HTML 10Page - Linear Technology LTM8055 Datasheet HTML 11Page - Linear Technology LTM8055 Datasheet HTML 12Page - Linear Technology LTM8055 Datasheet HTML 13Page - Linear Technology LTM8055 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM8055
10
8055fb
For more information www.linear.com/LTM8055
APPLICATIONS INFORMATION
For most applications, the design process is straight for-
ward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT, RFB1/RFB2 and RT
values.
3. Apply the output sense resistor to set the output current
limit. The output current is limited to 58mV/RSENSE,
where RSENSE is the value of the output current sense
resistor in ohms.
Whilethesecomponentcombinationshavebeentestedfor
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions. Bear in mind that the maximum
output current is limited by junction temperature, the rela-
tionship between the input and output voltage magnitude
and other factors. Please refer to the graphs in the Typical
Performance Characteristics section for guidance.
The maximum frequency (and attendant RT value) at
which the LTM8055 should be allowed to switch is given
in Table 1 in the fMAX column, while the recommended
frequency (and RT value) for optimal efficiency over the
given input condition is given in the fOPTIMAL column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
Note that Table 1 calls out both ceramic and electrolytic
output capacitors. Both of the capacitors called out in
the table must be applied to the output. The electrolytic
capacitors in Table 1 are described by voltage rating,
value and ESR. The voltage rating of the capacitor may
be increased if the application requires a higher voltage
stress derating. The LTM8055 can tolerate variation
in the ESR; other capacitors with different ESR may
be used, but the user must verify proper operation
over line, load and environmental conditions. Table 2
gives the description and part numbers of electrolytic
capacitors used in the LTM8055 development testing and
design validation.
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN RANGE
VOUT
CIN
COUT
RFB1/RFB2 fOPTIMAL (kHz) RT(OPTIMAL) fMAX (kHz) RT(MAX)
5V to 24V
3.3V 2 × 4.7µF, 50V, X5R, 0805 22µF, 6.3V, X5R, 0805
100µF, 6V, 75mΩ, Electrolytic
100k/56.2k
600
36.5k
800
24.9k
5V to 28V
5V 2 × 4.7µF, 50V, X5R, 0805 22µF, 6.3V, X5R, 0805
100µF, 6V, 75mΩ, Electrolytic
100k/31.6k
550
39.2k
800
24.9k
5V to 31V
8V 2 × 4.7µF, 50V, X5R, 0805 47µF, 10V, X5R, 1206
100µF, 16V, 100mΩ, Electrolytic
100k/17.4k
500
45.3k
800
24.9k
5V to 36V
12V 2 × 4.7µF, 50V, X5R, 1210 22µF, 25V, X5R, 0805
68µF, 16V, 200mΩ, Electrolytic
100k/11k
600
36.5k
800
24.9k
5V to 36V
18V 2 × 4.7µF, 50V, X7R, 1210 2 x 22µF, 25V, X5R, 1210
47µF, 25V, 900mΩ, Electrolytic
100k/6.98k
500
45.3k
800
24.9k
5V to 36V
24V 2 × 4.7µF, 50V, X7R, 1210 22µF, 25V, X5R, 1210
33µF, 35V 300mΩ, Electrolytic
100k/5.23k
650
31.6k
800
24.9k
5.5V to 36V
36V 2 × 4.7µF, 50V, X7R, 1210 10µF, 50V, X5R, 1206
10µF, 50V 120mΩ, Electrolytic
100k/3.40k
650
31.6k
800
24.9k
Notes: An input bulk capacitor is required. The output capacitance uses a combination of a ceramic and electrolytic in parallel. Other combinations of
resistor values for the RFB network are acceptable.
Table 2. Electrolytic Caps Used in LTM8055 Testing
DESCRIPTION
MANUFACTURER
PART NUMBER
100µF, 6V, 75mΩ, Tantalum C Case
AVX
TPSC107M006R0075
100µF, 16V, 100mΩ, Tantalum Y Case
AVX
TPSY107M016R0100
68µF, 16V, 200mΩ, Tantalum C Case
AVX
TPSC686M016R0200
47µF, 25V, 900mΩ, Tantalum D Case
AVX
TAJD476M025R
33µF, 35V, 300mΩ, Tantalum D Case
AVX
TPSD336M035R0300
10µF, 50V, 120mΩ, Aluminum 6.3 × 6mm case
Suncon
50HVP10M


同様の部品番号 - LTM8055

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8055 LINER-LTM8055 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8055 AD-LTM8055 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM8055 AD-LTM8055 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
LTM8055 AD-LTM8055 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results

同様の説明 - LTM8055

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
   36VIN, 8.5A Buck-Boost Module Regulator
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
   36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
   36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
   36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
   36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com